| Electronic Components Datasheet Search |
|
OMAP3530ECBB72 Datasheet(PDF) 108 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
OMAP3530ECBB72 Datasheet(HTML) 108 Page - Texas Instruments |
|
108 / 265 page ![]() OMAP3530, OMAP3525 SPRS507H – FEBRUARY 2008 – REVISED OCTOBER 2013 www.ti.com Table 2-20. Test Interfaces – JTAG Signals Description SIGNAL NAME DESCRIPTION TYPE(1) BALL BOTTOM BALL BOTTOM BALL BOTTOM (CBB Pkg.) (CBC Pkg.) (CUS Pkg.) jtag_ntrst Test Reset I AA17 U15 AB7 jtag_tck Test Clock I AA13 V14 AB6 jtag_rtck ARM Clock O AA12 W13 AA7 Emulation jtag_tms_tmsc Test Mode Select IO AA18 V15 AA9 jtag_tdi Test Data Input I AA20 U16 AB10 jtag_tdo Test Data Output O AA19 Y13 AB9 jtag_emu0 Test emulation 0 IO AA11 Y15 AC24 jtag_emu1 Test emulation 1 IO AA10 Y14 AD24 (1) Type = Ball type for this specific function (I = Input, O = Output, Z = high-impedance, D = Open Drain, DS = Differential, A = Analog) Table 2-21. Test Interfaces – SDTI Signals Description SIGNAL DESCRIPTION TYPE(1) BALL BOTTOM BALL BOTTOM BALL BOTTOM SUBSYSTEM NAME (CBB Pkg.) (CBC Pkg.) (CUS Pkg.) SIGNAL MULTIPLEXING(2) sdti_clk Serial clock dual edge O AF7 / AA11 / AG8 AF6 / Y15 / AF9 AC9 / AC24 / AC11 etk_d11 / jtag_emu0 / etk_d14 sdti_txd0 Serial data out (System Trace O AG7 / AA10 / AA11 AE6 / Y14 / Y15 AC10 / AD24 / etk_d12 / jtag_emu1 / messages) AC24 jtag_emu0 sdti_txd1 Serial data out (System Trace O AH7 / AA10 AF7 / Y14 AD11 / AD24 etk_d13 / jtag_emu1 messages) sdti_txd2 Serial data out (System Trace O AG8 AF9 AC11 etk_d14 messages) sdti_txd3 Serial data out (System Trace O AH8 AE9 AD12 etk_d15 messages) (1) Type = Ball type for this specific function (I = Input, O = Output, Z = high-impedance, D = Open Drain, DS = Differential, A = Analog) (2) The subsystem pin multiplexing options are not described in and Table 2-22. Test Interfaces – HWDBG Signals Description SIGNAL NAME DESCRIPTION TYPE(1) BALL BOTTOM BALL BOTTOM BALL BOTTOM (CBB Pkg.) (CBC Pkg.) (CUS Pkg.) hw_dbg0 Debug signal 0 O A24 / AF10 C23/AB2 AC1/A22 hw_dbg1 Debug signal 1 O A23 / AE10 D23/AB3 AD3/E18 hw_dbg2 Debug signal 2 O C27/ AF11 C26/AC3 AD6/J19 hw_dbg3 Debug signal 3 O C23 / AG12 B23/AD4 AC6/H24 hw_dbg4 Debug signal 4 O B24 / AH12 A24/AD3 AC7/G19 hw_dbg5 Debug signal 5 O C24 / AE13 B24/AA3 AD8/F19 hw_dbg6 Debug signal 6 O D24 / AE11 D24/Y3 AC5/G20 hw_dbg7 Debug signal 7 O A25 / AH9 C24/AB1 AD2/B21 hw_dbg8 Debug signal 8 O B25 / AF13 D25/AE3 AC8/F21 hw_dbg9 Debug signal 9 O C26 / AH14 E26/AD2 AD9/G21 hw_dbg10 Debug signal 10 O B23 / AF9 A23/AA4 AC4/F18 hw_dbg11 Debug signal 11 O D25 / AG9 D26/V2 AD5/J20 hw_dbg12 Debug signal 12 O D28 / AE7 G25/AE4 AC3/G22 hw_dbg13 Debug signal 13 O D26 / AF7 K24/AF6 AC9/E22 hw_dbg14 Debug signal 14 O E26 / AG7 G26/AE6 AC10/D24 hw_dbg15 Debug signal 15 O F28 / AH7 H25/AF7 AD11/E23 hw_dbg16 Debug signal 16 O F27 / AG8 H26/AF9 AC11/E24 hw_dbg17 Debug signal 17 O G26 / AH8 J26/AE9 AD12/F23 (1) Type = Ball type for this specific function (I = Input, O = Output, Z = high-impedance, D = Open Drain, DS = Differential, A = Analog) 108 TERMINAL DESCRIPTION Copyright © 2008–2013, Texas Instruments Incorporated Submit Documentation Feedback Product Folder Links: OMAP3530 OMAP3525 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |