Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OMAP3530ECBBAR Datasheet(PDF) 234 Page - Texas Instruments

Click here to check the latest version.
Part # OMAP3530ECBBAR
Description  OMAP3530 and OMAP3525 Applications Processors
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OMAP3530ECBBAR Datasheet(HTML) 234 Page - Texas Instruments

Back Button OMAP3530ECBBAR Datasheet HTML 230Page - Texas Instruments OMAP3530ECBBAR Datasheet HTML 231Page - Texas Instruments OMAP3530ECBBAR Datasheet HTML 232Page - Texas Instruments OMAP3530ECBBAR Datasheet HTML 233Page - Texas Instruments OMAP3530ECBBAR Datasheet HTML 234Page - Texas Instruments OMAP3530ECBBAR Datasheet HTML 235Page - Texas Instruments OMAP3530ECBBAR Datasheet HTML 236Page - Texas Instruments OMAP3530ECBBAR Datasheet HTML 237Page - Texas Instruments OMAP3530ECBBAR Datasheet HTML 238Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 234 / 265 page
background image
OMAP3530, OMAP3525
SPRS507H – FEBRUARY 2008 – REVISED OCTOBER 2013
www.ti.com
Table 6-114. UART IrDA—Signaling Rate and Pulse Duration—Receive
Mode (continued)
ELECTRICAL PULSE DURATION
SIGNALING RATE
UNIT
MIN
NOMINAL
MAX
4.0 Mbit/s (Double pulse)
190
250
289
ns
Table 6-115. UART IrDA—Rise and Fall Time—Receive
Mode
PARAMETER
MAX
UNIT
tR
Rising time,
200
ns
uart3_rx_irrx
tF
Falling time,
200
ns
uart3_rx_irrx
6.6.7.2
IrDA—Transmit Mode
Table 6-116. UART IrDA—Signaling Rate and Pulse Duration—Transmit Mode
SIGNALING RATE
ELECTRICAL PULSE DURATION
UNIT
MIN
NOMINAL
MAX
SIR
2.4 Kbit/s
78.1
78.1
78.1
μs
9.6 Kbit/s
19.5
19.5
19.5
μs
19.2 Kbit/s
9.75
9.75
9.75
μs
38.4 Kbit/s
4.87
4.87
4.87
μs
57.6 Kbit/s
3.25
3.25
3.25
μs
115.2 Kbit/s
1.62
1.62
1.62
μs
MIR
0.576 Mbit/s
414
416
419
ns
1.152 Mbit/s
206
208
211
ns
FIR
4.0 Mbit/s (Single pulse)
123
125
128
ns
4.0 Mbit/s (Double pulse)
248
250
253
ns
234
TIMING REQUIREMENTS AND SWITCHING CHARACTERISTICS
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: OMAP3530 OMAP3525



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com