Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OMAP3530ECBBAR Datasheet(PDF) 122 Page - Texas Instruments

Click here to check the latest version.
Part # OMAP3530ECBBAR
Description  OMAP3530 and OMAP3525 Applications Processors
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OMAP3530ECBBAR Datasheet(HTML) 122 Page - Texas Instruments

Back Button OMAP3530ECBBAR Datasheet HTML 118Page - Texas Instruments OMAP3530ECBBAR Datasheet HTML 119Page - Texas Instruments OMAP3530ECBBAR Datasheet HTML 120Page - Texas Instruments OMAP3530ECBBAR Datasheet HTML 121Page - Texas Instruments OMAP3530ECBBAR Datasheet HTML 122Page - Texas Instruments OMAP3530ECBBAR Datasheet HTML 123Page - Texas Instruments OMAP3530ECBBAR Datasheet HTML 124Page - Texas Instruments OMAP3530ECBBAR Datasheet HTML 125Page - Texas Instruments OMAP3530ECBBAR Datasheet HTML 126Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 265 page
background image
OMAP3530, OMAP3525
SPRS507H – FEBRUARY 2008 – REVISED OCTOBER 2013
www.ti.com
This section includes the maximum power consumption for each power domain (core, IVA2, etc.). Table 3-
2 summarizes the power consumption at the ball level.
Table 3-2. Estimated Maximum Power Consumption At Ball Level
PARAMETER
MAX
MAX
UNIT
( T = 90°C)
( T = 105°C)
Signal
Description
vdd_mpu_iva
Processors(1)
OMAP3530/25 (SmartReflex™ Enabled - OPP5)
994
1051
mA
OMAP3530/25 (SmartReflex™ Disabled - OPP5)
1236
1317
mA
OMAP3530 (SmartReflex™ Enabled - OPP6)
1177
1233
mA
OMAP3530 (SmartReflex™ Disabled - OPP6)
1457
1538
mA
vdd_core
Core(1)
OMAP3530 (SmartReflex™ Enabled - OPP5/6)
439
489
mA
OMAP3530 (SmartReflex™ Disabled - OPP5/6)
539
609
mA
OMAP3525 (SmartReflex™ Enabled - OPP5)
353
403
mA
OMAP3525 (SmartReflex™ Disabled - OPP5)
438
507
mA
vdda_dac
Video DAC
65
65
mA
vdss_dpll_dll
DLL + DPLL MPU, DSP, and core
25
25
mA
vdds_dpll_per
DPLL peripheral 1 and peripheral 2
15
15
mA
vdds_sram
Processors and core LDO (LDO1 and LDO2)
41
41
mA
vdds_wkup_bg
Bandgap, wakeup + LDO, EMU off
6
6
mA
vdds_mem
Standard I/Os (SDRC+GPMC)
37
37
mA
vdds
Standard I/Os (all excluding SDRC and GPMC)
63
63
mA
vdds_mmc1
MMC I/O(2)
20
20
mA
vdds_mmc1a
Power supply for MMC IO [DAT4 – DAT7]
2
2
mA
vpp
eFuse
50
50
mA
(1)
OPP6 is only supported on high-speed grade OMAP3530 devices.
(2)
MMC card and I/O card are not included.
122
ELECTRICAL CHARACTERISTICS
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: OMAP3530 OMAP3525



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com