Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OMAP3530ECBC Datasheet(PDF) 150 Page - Texas Instruments

Part # OMAP3530ECBC
Description  OMAP3530 and OMAP3525 Applications Processors
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OMAP3530ECBC Datasheet(HTML) 150 Page - Texas Instruments

Back Button OMAP3530ECBC Datasheet HTML 146Page - Texas Instruments OMAP3530ECBC Datasheet HTML 147Page - Texas Instruments OMAP3530ECBC Datasheet HTML 148Page - Texas Instruments OMAP3530ECBC Datasheet HTML 149Page - Texas Instruments OMAP3530ECBC Datasheet HTML 150Page - Texas Instruments OMAP3530ECBC Datasheet HTML 151Page - Texas Instruments OMAP3530ECBC Datasheet HTML 152Page - Texas Instruments OMAP3530ECBC Datasheet HTML 153Page - Texas Instruments OMAP3530ECBC Datasheet HTML 154Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 265 page
background image
OMAP3530, OMAP3525
SPRS507H – FEBRUARY 2008 – REVISED OCTOBER 2013
www.ti.com
5.2
Electrical Specifications Over Recommended Operating Conditions
(TMIN to TMAX, vdda_dac = 1.8 V, ROUT1/2 = 1650 Ω, RLOAD = 75 Ω, unless otherwise noted)
Table 5-2. DAC – Static Electrical Specification
PARAMETER
CONDITIONS/ASSUMPTIONS
MIN
TYP
MAX
UNIT
R
Resolution
10
Bits
DC ACCURACY
INL(1)
Integral nonlinearity
–1
1
LSB
DNL(2)
Differential nonlinearity
–1
1
LSB
ANALOG OUTPUT
-
Full-scale output voltage
RLOAD = 75 Ω
0,7
0.88
1
V
-
Output offset voltage
50
mV
-
Output offset voltage drift
20
mV/°C
-
Gain error
–17
19
% FS
RVOUT
Output impedance
67.5
75
82.5
REFERENCE
VREF
Reference voltage range
0.525
0.55
0.575
V
-
Reference noise density
100-kHz reference noise
129
bandwidth
RSET
Full-scale current adjust resistor
3700
4000
4200
PSRR
Reference PSRR(3) (Up to 6 MHz)
40
dB
POWER CONSUMPTION
Ivdda-up
Analog Supply Current(4)
2 channels, no load
8
mA
-
Analog supply driving a 75-
Ω load
2 channels
50
mA
(RMS)
Ivdda-up (peak) Peak analog supply current:
Lasts less than 1 ns
60
mA
Ivdd-up
Digital supply current(5)
Measured at fCLK = 54 MHz, fOUT
2
mA
= 2 MHz sine wave, vdd = 1.3 V
Ivdd-up (peak)
Peak digital supply current(6)
Lasts less than 1 ns
2.5
mA
Ivdda-down
Analog power at power-down
T = 30°C, vdda = 1.8 V
1.5
mA
Ivdd-down
Digital power at power-down
T = 30°C, vdd = 1.3 V
1
mA
(1)
The INL is measured at the output of the DAC (accessible at an external pin during bypass mode).
(2)
The DNL is measured at the output of the DAC (accessible at an external pin during bypass mode).
(3)
Assuming a capacitor of 0.1
μF at the tv_ref node.
(4)
The analog supply current Ivdda is directly proportional to the full-scale output current IFS and is insensitive to fCLK
(5)
The digital supply current IVDD is dependent on the digital input waveform, the DAC update rate fCLK, and the digital supply VDD.
(6)
The peak digital supply current occurs at full-scale transition for duration less than 1 ns.
150
VIDEO DAC SPECIFICATIONS
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: OMAP3530 OMAP3525



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com