| Electronic Components Datasheet Search |
|
OMAP3530ECUS72 Datasheet(PDF) 191 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
OMAP3530ECUS72 Datasheet(HTML) 191 Page - Texas Instruments |
|
191 / 265 page ![]() cam_xclki cam_pclk cam_vs cam_hs cam_d[11:0] cam_wen cam_fld FRAME(0) FRAME(0) L(0) L(n-1) L(0) D(0) D(n-3) D(n-2) D(n-1) D(0) D(1) D(2) D(n-1) PAIR IMPAIR ISP15 ISP16 ISP16 ISP17 ISP18 ISP18 ISP27 ISP19 ISP21 ISP22 ISP23 ISP20 ISP28 ISP24 ISP25 ISP26 030-057 OMAP3530, OMAP3525 www.ti.com SPRS507H – FEBRUARY 2008 – REVISED OCTOBER 2013 Figure 6-25. ISP – 12-Bit SYNC Normal – Interlaced Mode(1) (2) (3) (4) (5) (6) (7) (8) (1) The polarity of cam_pclk, cam_fld, cam_vs, and cam_hs are configurable. If the cam_hs, cam_vs, and cam_fld signals are output, the signal length can be set. (2) The parallel camera in SYNC mode supports interlaced image sensor modules and 8-, 10-, 11-, or 12-bit data. (3) When the image sensor has fewer than 12 data lines, it must be connected to the lower data lines and the unused lines must be grounded. (4) It is possible to shift the data to 0, 2, or 4 data internal lanes. (5) The bit configurations are: cam_d[11:4] or cam_d[7:0] in 8-bit mode, cam_d[11:2] or cam_d[9:0] in 10-bit mode, cam_d[10:0] in 11-bit mode, and cam_d[11:0] in 12-bit mode. (6) Optionally, the data write to memory can be qualified by the external cam_wen signal. (7) The cam_wen signal can be used as a external memory write-enable signal. The data is stored to memory only if cam_hs, cam_vs, and cam_wen signals are asserted. (8) In cam_xclki; I is equal to a or b. 6.5.1.1.1.4 8-bit Packed SYNC – Interlaced Mode Table 6-32 and Table 6-33 assume testing over the recommended operating conditions and electrical characteristic conditions (see Figure 6-26). Copyright © 2008–2013, Texas Instruments Incorporated TIMING REQUIREMENTS AND SWITCHING CHARACTERISTICS 191 Submit Documentation Feedback Product Folder Links: OMAP3530 OMAP3525 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |