Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2875-5.0YMT Datasheet(PDF) 2 Page - Microchip Technology

Part # MIC2875-5.0YMT
Description  4.8A ISW, Synchronous Boost Regulator with Bi-Directional Load Disconnect
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2875-5.0YMT Datasheet(HTML) 2 Page - Microchip Technology

  MIC2875-5.0YMT Datasheet HTML 1Page - Microchip Technology MIC2875-5.0YMT Datasheet HTML 2Page - Microchip Technology MIC2875-5.0YMT Datasheet HTML 3Page - Microchip Technology MIC2875-5.0YMT Datasheet HTML 4Page - Microchip Technology MIC2875-5.0YMT Datasheet HTML 5Page - Microchip Technology MIC2875-5.0YMT Datasheet HTML 6Page - Microchip Technology MIC2875-5.0YMT Datasheet HTML 7Page - Microchip Technology MIC2875-5.0YMT Datasheet HTML 8Page - Microchip Technology MIC2875-5.0YMT Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
MIC2875
DS20005549A-page 2
 2015 Microchip Technology Inc.
Typical Application Schematics
Functional Block Diagrams
AGND
SW
IN
EN
PGND
OUT
/PG
FB
V
IN
V
OUT
5.0V
L1 1μH
2.5V to 5.0V
C1
4.7μF
10V
V
IN
R1
1MΩ
R2
910kΩ
R3
200kΩ
C2*
22μF
10V
MIC2875 (Adjustable Output)
MIC2875 (Fixed Output)
AGND
SW
V
IN
IN
EN
PGND
OUT
/PG
OUTS
V
OUT
5.0V
L1 1μH
2.5V to 5.0V
C1
4.7μF
10V
V
IN
R1
1MΩ
C2*
22μF
10V
* Two more 22
F capacitors should be added in parallel with C2 for V
IN > 5.0V.
50
60
70
80
90
100
0.001
0.010
0.100
1.000
LOAD CURRENT (A)
VIN = 3.6V
VIN = 3.0V
VIN = 2.5V
VOUT =5.0V
L = 1μH
COUT = 22μF
Efficiency vs. Load Current
MIC2875 (Fixed Output)
MIC2875 (Adj. Output)
EN
IN
SW
ANTI-
RINGING
REFERENCE
GENERATOR
2MHz
OSCILLATOR
OC
4.8A
PWM LOGIC
CONTROL
+
MINIMUM
SWITCHING
CURRENT
SENSE
+
SLOPE
COMPENSATION
VIN
OUT
BODY
DRIVER
HS
DRIVER
LS
DRIVER
/PG
PGND
AGND
VREF
SOFT-
START
PWM
OUTS
VIN
EN
IN
SW
ANTI-
RINGING
REFERENCE
GENERATOR
2MHz
OSCILLATOR
OC
4.8A
PWM LOGIC
CONTROL
+
MINIMUM
SWITCHING
CURRENT
SENSE
+
SLOPE
COMPENSATION
VIN
OUT
BODY
DRIVER
HS
DRIVER
LS
DRIVER
PGL
PGH
/PG
FB
PGND
AGND
VREF
SOFT-
START
PWM


Similar Part No. - MIC2875-5.0YMT

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2875 MICREL-MIC2875 Datasheet
403Kb / 7P
4.8A ISW, Synchronous Boost Regulator with Bi-Directional Load Disconnect
More results

Similar Description - MIC2875-5.0YMT

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2875 MICREL-MIC2875 Datasheet
403Kb / 7P
4.8A ISW, Synchronous Boost Regulator with Bi-Directional Load Disconnect
logo
Microchip Technology
MIC2876 MICROCHIP-MIC2876 Datasheet
625Kb / 26P
4.8A ISW, Synchronous Boost Regulator with Bi-Directional Load Disconnect
06/23/16
logo
Micro Linear Corporatio...
ML4869 MICRO-LINEAR-ML4869 Datasheet
200Kb / 8P
Medium Current Boost Regulator with Load Disconnect
ML4870 MICRO-LINEAR-ML4870 Datasheet
211Kb / 8P
High Current Boost Regulator with Load Disconnect
logo
Texas Instruments
TPS61372 TI1-TPS61372_18 Datasheet
1Mb / 29P
16-V, 3.8-A Synchronous Boost With Load Disconnect
TPS61372 TI1-TPS61372 Datasheet
805Kb / 35P
16-V, 3.6-A Synchronous Boost with Load Disconnect
logo
Micro Linear Corporatio...
ML4769 MICRO-LINEAR-ML4769 Datasheet
240Kb / 8P
2 Cell, Adjustable Output Boost Regulator with Load Disconnect
ML4770 MICRO-LINEAR-ML4770 Datasheet
239Kb / 8P
2 Cell, Adjustable Output, High Current Boost Regulator with Load Disconnect
logo
Texas Instruments
TPS61178 TI1-TPS61178 Datasheet
728Kb / 35P
20-V, 10-A Fully-Integrated Synchronous Boost with Load Disconnect Control
TPS61178 TI1-TPS61178_17 Datasheet
1Mb / 40P
20-V, 10-A Fully-Integrated Synchronous Boost with Load Disconnect Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com