Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RTL8208 Datasheet(PDF) 28 Page - List of Unclassifed Manufacturers

Part # RTL8208
Description  REALTEK SINGLE CHIP OCTAL 10/100 MBPS FAST ETHERNET TRANSCEIVER
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RTL8208 Datasheet(HTML) 28 Page - List of Unclassifed Manufacturers

Back Button RTL8208 Datasheet HTML 24Page - List of Unclassifed Manufacturers RTL8208 Datasheet HTML 25Page - List of Unclassifed Manufacturers RTL8208 Datasheet HTML 26Page - List of Unclassifed Manufacturers RTL8208 Datasheet HTML 27Page - List of Unclassifed Manufacturers RTL8208 Datasheet HTML 28Page - List of Unclassifed Manufacturers RTL8208 Datasheet HTML 29Page - List of Unclassifed Manufacturers RTL8208 Datasheet HTML 30Page - List of Unclassifed Manufacturers RTL8208 Datasheet HTML 31Page - List of Unclassifed Manufacturers RTL8208 Datasheet HTML 32Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 40 page
background image
RTL8208
2001/01/07
28
Rev.1.923
7.7 Power Saving and Power Down Mode
7.7.1 Power Saving Mode
The RTL8208 implements a power saving mode on a per port basis. One port automatically enters power saving mode 10
seconds after the cable is disconnected from it, regardless of whether the RTL8208’s operation mode is Nway or Force mode.
Once one port enters power saving mode, it transmits normal link pulses only on its TXOP/TXON pins and keeps monitoring
RXIP/RXIN to try to detect any incoming signals , which might be 100Base-TX MLT-3 idle pattern, 10Base-T link pulses or
Nway’s FLP (fast link pulses). After it detects any incoming signals, it wakes up from the power saving mode and operates in the
normal mode according to the result of the connection.
Power saving mode is not supported when in 100FX operation.
7.7.2 Power Down Mode
Setting Register 0.11through the SMI interface forces the corresponding port of the RTL8208 to enter power down mode, which
disables all transmit/receive functions and RMII functions on that port, except SMI (MDC/MDIO management interface).
7.8 LED Configuration
The RTL8208 supports serial LED status streams for LED display. The forms of LED status streams, as shown below, are
controlled by LEDMODE[1:0] pins, which are latched upon reset. All LED statuses are represented as active-low, except
Link/Act in Bi-color LED mode, whose polarity depends on Spd status.
LEDMODE[1:0]
Mode
Output sequences
00
3-bit serial stream
Col/Fulldup, Link/Act, Spd
01
2-bit serial stream
Spd,
Link/Act
10
3-bit for Bi-color LED Col/Fulldup, Link/Act, Spd
LED Statuses
Description
Col/Fulldup
Col, Full duplex Indicator. Blinking every 43ms when collision
happens. Low for full duplex, and high for half duplex mode.
Link/Act
Link, Activity Indicator. For 3-bit serial stream mode, low for link
established. For 3-bit Bi-color LED mode, Link/Act is high for link
established when speed is low (100Mb/s); Link/Act is low for link
established when speed is high (10Mb/s). Link/Act Blinks every
43ms when the corresponding port is transmitting or receiving.
Spd
Speed Indicator. Low for 100Mb/s, and high for 10Mb/s.
7.8.1 LED Blinking Time
LED blinking time can be set to 120ms by setting LED_BLNK_TIME=0. The LED statuses supporting 43/120ms blinking time
are Col/Fulldup, Link/Act. For status Link/Act/Spd, the LED blinking time is not affected by LED_BLNK_TIME.


Similar Part No. - RTL8208

ManufacturerPart #DatasheetDescription
logo
Realtek Semiconductor C...
RTL8208B REALTEK-RTL8208B Datasheet
1Mb / 65P
SINGLE-CHIP OCTAL 10/100BASE-TX/FX PHY TRANSCEIVER
RTL8208B-LF REALTEK-RTL8208B-LF Datasheet
1Mb / 65P
SINGLE-CHIP OCTAL 10/100BASE-TX/FX PHY TRANSCEIVER
RTL8208BF-LF REALTEK-RTL8208BF-LF Datasheet
1Mb / 65P
SINGLE-CHIP OCTAL 10/100BASE-TX/FX PHY TRANSCEIVER
More results

Similar Description - RTL8208

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DM9161 ETC-DM9161 Datasheet
561Kb / 47P
10/100 Mbps FAST ETHERNET PHYSICAL LAYER SINGLE CHIP TRANSCEIVER
logo
Davicom Semiconductor, ...
DM9161A DAVICOM-DM9161A_09 Datasheet
456Kb / 45P
10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver
DM9161AEP DAVICOM-DM9161AEP Datasheet
150Kb / 2P
10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver
DM9161BEP DAVICOM-DM9161BEP Datasheet
172Kb / 3P
10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver
DM9161BIEP DAVICOM-DM9161BIEP Datasheet
129Kb / 2P
10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver
DM9161EP DAVICOM-DM9161EP Datasheet
94Kb / 3P
10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver
DM9161C DAVICOM-DM9161C Datasheet
696Kb / 47P
10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver
DM9161C DAVICOM-DM9161C_1 Datasheet
70Kb / 2P
10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver
DM9162 DAVICOM-DM9162 Datasheet
70Kb / 2P
10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver
DM9163 DAVICOM-DM9163 Datasheet
187Kb / 7P
10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com