Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RTL8208 Datasheet(PDF) 35 Page - List of Unclassifed Manufacturers

Part # RTL8208
Description  REALTEK SINGLE CHIP OCTAL 10/100 MBPS FAST ETHERNET TRANSCEIVER
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RTL8208 Datasheet(HTML) 35 Page - List of Unclassifed Manufacturers

Back Button RTL8208 Datasheet HTML 31Page - List of Unclassifed Manufacturers RTL8208 Datasheet HTML 32Page - List of Unclassifed Manufacturers RTL8208 Datasheet HTML 33Page - List of Unclassifed Manufacturers RTL8208 Datasheet HTML 34Page - List of Unclassifed Manufacturers RTL8208 Datasheet HTML 35Page - List of Unclassifed Manufacturers RTL8208 Datasheet HTML 36Page - List of Unclassifed Manufacturers RTL8208 Datasheet HTML 37Page - List of Unclassifed Manufacturers RTL8208 Datasheet HTML 38Page - List of Unclassifed Manufacturers RTL8208 Datasheet HTML 39Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 40 page
background image
RTL8208
2001/01/07
35
Rev.1.923
10. Electrical Characteristics
10.1 Absolute Maximum Ratings
WARNING: Absolute maximum ratings are limits beyond which may cause permanent damage to the device or affect device
reliability. All voltages are specified reference to GND unless otherwise specified.
Parameter
Minimum
Maximum
Units
Storage Temperature
-55
+150
°C
Vcc Supply Referenced to GND
-0.5
+4.0
V
Digital Input Voltage
-0.5
VDD
V
DC Output Voltage
-0.5
VDD
V
10.2 Operating Range
Parameter
Minimum
Maximum
Units
Ambient Operating Temperature(Ta)
0
+70
°C
3.3V Supply Voltage Range(VDDAH)
3.15
3.45
V
2.5V Supply Voltage Range(VDDAL,VDD)
2.375
2.625
V
10.3 DC Characteristics
Parameter
Symbol
Conditions
Min
Typical
Max
Units
Power Supply Current for
2.5V
Icc
10 Base-T, idle
10 Base-T, Peak continuous 100% utilization
100 Base-TX, idle
100 Base-TX, Peak continuous 100% utilization
Power saving
Power down
81.2
88.9
125.5
145.7
76.7
15.5
mA
Power Supply Current for
3.3V
Icc
10 Base-T, idle
10 Base-T, Peak continuous 100% utilization
100 Base-TX, idle
100 Base-TX, Peak continuous 100% utilization
Power saving
Power down
88.5
499.2
370.7
371.3
48.1
3.3
mA
Total Power Consumption
for all 8 ports
PS
10 Base-T, idle
10 Base-T, Peak continuous 100% utilization
100 Base-TX, idle
100 Base-TX, Peak continuous 100% utilization
Power saving
Power down
495
1870
1537
1590
350
50
mW
TTL Input High Voltage
Vih
1.5
V
TTL Input Low Voltage
Vil
1.0
V
TTL Input Current
Iin
-10
10
uA
TTL Input Capacitance
Cin
3
pF
Output High Voltage
Voh
2.25
2.75
V
Output Low voltage
Vol
0
0.25
V


Similar Part No. - RTL8208

ManufacturerPart #DatasheetDescription
logo
Realtek Semiconductor C...
RTL8208B REALTEK-RTL8208B Datasheet
1Mb / 65P
SINGLE-CHIP OCTAL 10/100BASE-TX/FX PHY TRANSCEIVER
RTL8208B-LF REALTEK-RTL8208B-LF Datasheet
1Mb / 65P
SINGLE-CHIP OCTAL 10/100BASE-TX/FX PHY TRANSCEIVER
RTL8208BF-LF REALTEK-RTL8208BF-LF Datasheet
1Mb / 65P
SINGLE-CHIP OCTAL 10/100BASE-TX/FX PHY TRANSCEIVER
More results

Similar Description - RTL8208

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DM9161 ETC-DM9161 Datasheet
561Kb / 47P
10/100 Mbps FAST ETHERNET PHYSICAL LAYER SINGLE CHIP TRANSCEIVER
logo
Davicom Semiconductor, ...
DM9161A DAVICOM-DM9161A_09 Datasheet
456Kb / 45P
10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver
DM9161AEP DAVICOM-DM9161AEP Datasheet
150Kb / 2P
10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver
DM9161BEP DAVICOM-DM9161BEP Datasheet
172Kb / 3P
10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver
DM9161BIEP DAVICOM-DM9161BIEP Datasheet
129Kb / 2P
10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver
DM9161EP DAVICOM-DM9161EP Datasheet
94Kb / 3P
10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver
DM9161C DAVICOM-DM9161C Datasheet
696Kb / 47P
10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver
DM9161C DAVICOM-DM9161C_1 Datasheet
70Kb / 2P
10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver
DM9162 DAVICOM-DM9162 Datasheet
70Kb / 2P
10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver
DM9163 DAVICOM-DM9163 Datasheet
187Kb / 7P
10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com