Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RTL8208 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # RTL8208
Description  REALTEK SINGLE CHIP OCTAL 10/100 MBPS FAST ETHERNET TRANSCEIVER
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RTL8208 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button RTL8208 Datasheet HTML 5Page - List of Unclassifed Manufacturers RTL8208 Datasheet HTML 6Page - List of Unclassifed Manufacturers RTL8208 Datasheet HTML 7Page - List of Unclassifed Manufacturers RTL8208 Datasheet HTML 8Page - List of Unclassifed Manufacturers RTL8208 Datasheet HTML 9Page - List of Unclassifed Manufacturers RTL8208 Datasheet HTML 10Page - List of Unclassifed Manufacturers RTL8208 Datasheet HTML 11Page - List of Unclassifed Manufacturers RTL8208 Datasheet HTML 12Page - List of Unclassifed Manufacturers RTL8208 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
RTL8208
2001/01/07
9
Rev.1.923
5.5 SMI (Serial Management Interface) Pins
Pin Name
Pin
Type
Description
MDIO
112
I/O,
(Pu)
Management Data I/O. Bi-directional data interface. A 1.5K
pull-up resistor is required (as specified in IEEE802.3u).
The MAC controller access of the MII registers should be delayed at
least 700us after completion of the reset because of the internal reset
operation of the RTL8208
MDC
113
I,
(Pd)
Management Data Clock. 0 to 25MHz clock sourced by MAC to
sample MDIO.
The MAC controller access of the MII registers should be delayed at
least 700us after completion of the reset because of the internal reset
operation of the RTL8208
5.6 LED Pins
Pin Name
Pin
Type
Description
LED_DATA/
LEDMODE[1]
49
I/O
LED_DATA outputs serial status bits that can be shifted into a shift
register to be displayed via LEDs. LED_DATA is output
synchronously to LED_CLK.
This pin is latched upon reset as LEDMODE[1]
LEDMODE[1:0] controls the forms of serial LED statuses.
See LED operation mode section.
LED_CLK/
LEDMODE[0]
50
I/O
LED_CLK outputs the reference clock for the serial LED signals. This
pin is latched upon reset as LEDMODE[0]


Similar Part No. - RTL8208

ManufacturerPart #DatasheetDescription
logo
Realtek Semiconductor C...
RTL8208B REALTEK-RTL8208B Datasheet
1Mb / 65P
SINGLE-CHIP OCTAL 10/100BASE-TX/FX PHY TRANSCEIVER
RTL8208B-LF REALTEK-RTL8208B-LF Datasheet
1Mb / 65P
SINGLE-CHIP OCTAL 10/100BASE-TX/FX PHY TRANSCEIVER
RTL8208BF-LF REALTEK-RTL8208BF-LF Datasheet
1Mb / 65P
SINGLE-CHIP OCTAL 10/100BASE-TX/FX PHY TRANSCEIVER
More results

Similar Description - RTL8208

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DM9161 ETC-DM9161 Datasheet
561Kb / 47P
10/100 Mbps FAST ETHERNET PHYSICAL LAYER SINGLE CHIP TRANSCEIVER
logo
Davicom Semiconductor, ...
DM9161A DAVICOM-DM9161A_09 Datasheet
456Kb / 45P
10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver
DM9161AEP DAVICOM-DM9161AEP Datasheet
150Kb / 2P
10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver
DM9161BEP DAVICOM-DM9161BEP Datasheet
172Kb / 3P
10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver
DM9161BIEP DAVICOM-DM9161BIEP Datasheet
129Kb / 2P
10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver
DM9161EP DAVICOM-DM9161EP Datasheet
94Kb / 3P
10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver
DM9161C DAVICOM-DM9161C Datasheet
696Kb / 47P
10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver
DM9161C DAVICOM-DM9161C_1 Datasheet
70Kb / 2P
10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver
DM9162 DAVICOM-DM9162 Datasheet
70Kb / 2P
10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver
DM9163 DAVICOM-DM9163 Datasheet
187Kb / 7P
10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com