Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST72774 Datasheet(PDF) 140 Page - STMicroelectronics

Part # ST72774
Description  8-BIT USB MCU FOR MONITORS, WITH UP TO 60K OTP, 1K RAM, ADC, TIMER, SYNC, TMU, PWM/BRM, H/W DDC & I2C
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72774 Datasheet(HTML) 140 Page - STMicroelectronics

Back Button ST72774 Datasheet HTML 136Page - STMicroelectronics ST72774 Datasheet HTML 137Page - STMicroelectronics ST72774 Datasheet HTML 138Page - STMicroelectronics ST72774 Datasheet HTML 139Page - STMicroelectronics ST72774 Datasheet HTML 140Page - STMicroelectronics ST72774 Datasheet HTML 141Page - STMicroelectronics ST72774 Datasheet HTML 142Page - STMicroelectronics ST72774 Datasheet HTML 143Page - STMicroelectronics ST72774 Datasheet HTML 144Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 140 / 144 page
background image
ST72774/ST727754/ST72734
140/144
Figure 81. 44-Pin Thin Quad Flat Package
Dim
mm
inches
Min
Typ
Max
Min
Typ
Max
A
1.60
0.063
A1
0.05
0.15 0.002
0.006
A2
1.35 1.40 1.45 0.053 0.055 0.057
b
0.30 0.37 0.45 0.012 0.015 0.018
c
0.09
0.20 0.004
0.008
D
12.00
0.472
D1
10.00
0.394
D3
8.00
0.315
E
12.00
0.472
E1
10.00
0.394
E3
8.00
0.315
e
0.80
0.031
K
3.5°
L
0.45 0.60 0.75 0.018 0.024 0.030
L1
1.00
0.039
Number of Pins
N
44
b
c
L1
L
K
0.10mm
.004
seating plane



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com