Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM8AL313X Datasheet(PDF) 120 Page - STMicroelectronics

Part # STM8AL313X
Description  Automotive 8-bit ultra-low-power MCU, up to 32 Kbyte Flash, RTC, data EEPROM, LCD, timers, USART, I2C, SPI, ADC, DAC, COMPs
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AL313X Datasheet(HTML) 120 Page - STMicroelectronics

Back Button STM8AL313X Datasheet HTML 116Page - STMicroelectronics STM8AL313X Datasheet HTML 117Page - STMicroelectronics STM8AL313X Datasheet HTML 118Page - STMicroelectronics STM8AL313X Datasheet HTML 119Page - STMicroelectronics STM8AL313X Datasheet HTML 120Page - STMicroelectronics STM8AL313X Datasheet HTML 121Page - STMicroelectronics STM8AL313X Datasheet HTML 122Page - STMicroelectronics STM8AL313X Datasheet HTML 123Page - STMicroelectronics STM8AL313X Datasheet HTML 124Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 120 / 124 page
background image
Device ordering information
STM8AL313x/4x/6x STM8AL3L4x/6x
120/124
DocID18474 Rev 7
11
Device ordering information
Figure 50. Medium-density STM8AL313x/4x/6x and STM8AL3L4x/6x
ordering information scheme1
1. For a list of available options (e.g. memory size, package) and order-able part numbers or for
further information on any aspect of this device, please contact the nearest ST sales office.
2. Qualified and characterized according to AEC Q100 and Q003 or equivalent, advanced screening
according to AEC Q001 and Q002 or equivalent.
STM8
AL
31
6
8
T
C
Y
Product class
STM8 microcontroller
Memory size
3 = 8 Kbyte
4 = 16 Kbyte
6 = 32 Kbyte
Package
T = LQFP
U = VFQFPN
Example:
Sub-family type
31 = Standard
3L = with LCD
Family type
AL = Automotive Low power2
Temperature range
C =
- 40 °C to 125 °C
A = - 40 °C to 85 °C
Pin count
8 = 48 pins
6 = 32 pins
Packing
Y = Tray
X = Tape and reel compliant with EIA 481-C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com