Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32F031F4 Datasheet(PDF) 103 Page - STMicroelectronics

Part # STM32F031F4
Description  ARM-based 32-bit MCU with up to 32 Kbyte Flash, 9 timers, ADC and communication interfaces, 2.0 - 3.6 V
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F031F4 Datasheet(HTML) 103 Page - STMicroelectronics

Back Button STM32F031F4 Datasheet HTML 98Page - STMicroelectronics STM32F031F4 Datasheet HTML 99Page - STMicroelectronics STM32F031F4 Datasheet HTML 100Page - STMicroelectronics STM32F031F4 Datasheet HTML 101Page - STMicroelectronics STM32F031F4 Datasheet HTML 102Page - STMicroelectronics STM32F031F4 Datasheet HTML 103Page - STMicroelectronics STM32F031F4 Datasheet HTML 104Page - STMicroelectronics STM32F031F4 Datasheet HTML 105Page - STMicroelectronics STM32F031F4 Datasheet HTML 106Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 103 / 106 page
background image
DocID025743 Rev 4
103/106
STM32F031x4 STM32F031x6
Revision history
105
9
Revision history
Table 70. Document revision history
Date
Revision
Changes
13-Jan-2014
1
Initial release.
11-Jul-2014
2
Changed the document status to Datasheet - production
data.
Updated the following:
– Table: STM32F031x4/6 family device features and
peripheral counts,
– Figure: Clock tree,
– Figure: Power supply scheme,
– Table: Peripheral current consumption.
Replaced Table Typical current consumption in Run
mode, code with data processing running from Flash
and Table Typical current consumption in Sleep mode,
code running from Flash or RAM with Table: Typical
current consumption, code executing from Flash,
running from HSE 8 MHz crystal.
Added the LQFP32 package: updates in Section:
Description, Section: Pinouts and pin description and
Section: Package information.
28-Aug-2015
3
Updated:
– Figure 9: STM32F031x6 memory map
– AF1 alternate functions for PA0, PA1, PA2, PA3 and
PA4 in Table 12: Alternate functions selected through
GPIOA_AFR registers for port A
– the footnote for VIN max value in Table 15: Voltage
characteristics
– the footnote for max VIN in Table 18: General
operating conditions
– Table 22: Embedded internal reference voltage with
the addition of tSTART parameter
– Table 50: ADC characteristics
– Table 53: TS characteristics: removed the min. value
for tSTART parameter
– the typical value for R parameter in Table 54: VBAT
monitoring characteristics
– the structure of Section 7: Package information.
Added:
– Figure 33: LQFP48 marking example (package top
view), Figure 36: LQFP32 marking example (package
top view), Figure 39: UFQFPN32 marking example
(package top view), Figure 42: UFQFPN28 marking
example (package top view), Figure 48: TSSOP20
marking example (package top view)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com