Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM8AF6223 Datasheet(PDF) 105 Page - STMicroelectronics

Part # STM8AF6223
Description  Automotive 8-bit MCU, with up to 8 Kbyte Flash, data EEPROM, 10-bit ADC, timers, LIN, SPI, IC, 3 to 5.5 V
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AF6223 Datasheet(HTML) 105 Page - STMicroelectronics

Back Button STM8AF6223 Datasheet HTML 98Page - STMicroelectronics STM8AF6223 Datasheet HTML 99Page - STMicroelectronics STM8AF6223 Datasheet HTML 100Page - STMicroelectronics STM8AF6223 Datasheet HTML 101Page - STMicroelectronics STM8AF6223 Datasheet HTML 102Page - STMicroelectronics STM8AF6223 Datasheet HTML 103Page - STMicroelectronics STM8AF6223 Datasheet HTML 104Page - STMicroelectronics STM8AF6223 Datasheet HTML 105Page - STMicroelectronics STM8AF6223 Datasheet HTML 106Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 105 / 106 page
background image
DocID025118 Rev 5
105/106
STM8AF6213/23/23A/26
Revision history
105
10-Jul-2014
4
Extended the applicability to STM8AF6213 devices.
Updated the program memory feature, the power
management, and the clock management features on
the cover page.
Added the table in Section: Memory map.
Updated the Figure: f
CPUmax versus VDD in Section:
Operating conditions.
Updated Section: Ordering information.
26-Jun-2015
5
Added:
– the footnote about the inrush current below Table 27:
Operating conditions at power-up/power-down
,
– Figure 44: LQFP32 marking example (package top
view)
,
– Figure 47: TSSOP20 marking example (package top
view)
.
Updated
– LIN standard version,
– the register label for LINUART block in Table 11:
General hardware register map
,
– the power dissipation in Table 26: General operating
conditions
,
– Table 41: HSI oscillator characteristics for HSI
oscillator accuracy,
– the standard for EMI in Electromagnetic interference
(EMI)
,
– Figure 48: STM8AF6213/23/23A/26 ordering
information scheme(1) (2)
to add HSI accuracy.
Moved Section 10.3: Thermal characteristics to
Section 10: Package information
.
Table 64. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com