Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32F303VD Datasheet(PDF) 129 Page - STMicroelectronics

Part # STM32F303VD
Description  ARM Cortex-M4 32b MCUFPU, up to 512KB Flash, 80KB SRAM, FSMC, 4 ADCs, 2 DAC ch., 7 comp, 4 Op-Amp, 2.0-3.6 V
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F303VD Datasheet(HTML) 129 Page - STMicroelectronics

Back Button STM32F303VD Datasheet HTML 125Page - STMicroelectronics STM32F303VD Datasheet HTML 126Page - STMicroelectronics STM32F303VD Datasheet HTML 127Page - STMicroelectronics STM32F303VD Datasheet HTML 128Page - STMicroelectronics STM32F303VD Datasheet HTML 129Page - STMicroelectronics STM32F303VD Datasheet HTML 130Page - STMicroelectronics STM32F303VD Datasheet HTML 131Page - STMicroelectronics STM32F303VD Datasheet HTML 132Page - STMicroelectronics STM32F303VD Datasheet HTML 133Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 173 page
background image
DocID026415 Rev 5
129/173
STM32F303xD STM32F303xE
Electrical characteristics
151
Note:
Refer to the I2S section in RM0316 Reference Manual for more details about the sampling
frequency (Fs), fMCK, fCK, DCK values reflect only the digital peripheral behavior, source
clock precision might slightly change the values DCK depends mainly on ODD bit value.
Digital contribution leads to a min of (I2SDIV/(2*I2SDIV+ODD) and a max of
(I2SDIV+ODD)/(2*I2SDIV+ODD) and Fs max supported for each mode/condition.
Table 75. I2S characteristics(1)
1. Data based on characterization results, not tested in production.
Symbol
Parameter
Conditions
Min
Max
Unit
fMCK
I2S Main clock output
-
256 x 8K
256xFs (2)
2. 256xFs maximum is 36 MHz (APB1 Maximum frequency)
MHz
fCK
I2S clock frequency
Master data: 32 bits
-
64xFs
MHz
Slave data: 32 bits
-
64xFs
-
DCK
I2S clock frequency duty
cycle
Slave receiver
30
70
%
tv(WS)
WS valid time
Master mode
-
20
ns
th(WS)
WS hold time
Master mode
2
-
tsu(WS)
WS setup time
Slave mode
0
-
th(WS)
WS hold time
Slave mode
4
-
tsu(SD_MR)
Data input setup time
Master receiver
1
-
tsu(SD_SR)
Slave receiver
1
-
th(SD_MR)
Data input hold time
Master receiver
8
-
th(SD_SR)
Slave receiver
2.5
-
tv(SD_ST)
Data output valid time
Slave transmitter
(after enable edge)
-50
tv(SD_MT)
Master transmitter
(after enable edge)
-22
th(SD_ST)
Data output hold time
Slave transmitter (after
enable edge)
8-
th(SD_MT)
Master transmitter
(after enable edge)
1-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com