Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32F303VD Datasheet(PDF) 144 Page - STMicroelectronics

Part # STM32F303VD
Description  ARM Cortex-M4 32b MCUFPU, up to 512KB Flash, 80KB SRAM, FSMC, 4 ADCs, 2 DAC ch., 7 comp, 4 Op-Amp, 2.0-3.6 V
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F303VD Datasheet(HTML) 144 Page - STMicroelectronics

Back Button STM32F303VD Datasheet HTML 140Page - STMicroelectronics STM32F303VD Datasheet HTML 141Page - STMicroelectronics STM32F303VD Datasheet HTML 142Page - STMicroelectronics STM32F303VD Datasheet HTML 143Page - STMicroelectronics STM32F303VD Datasheet HTML 144Page - STMicroelectronics STM32F303VD Datasheet HTML 145Page - STMicroelectronics STM32F303VD Datasheet HTML 146Page - STMicroelectronics STM32F303VD Datasheet HTML 147Page - STMicroelectronics STM32F303VD Datasheet HTML 148Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 173 page
background image
Electrical characteristics
STM32F303xD STM32F303xE
144/173
DocID026415 Rev 5
Figure 51. Typical connection diagram using the ADC
1. Refer to Table 79 for the values of RAIN.
2. Cparasitic represents the capacitance of the PCB (dependent on soldering and PCB layout quality) plus the
pad capacitance (roughly 7 pF). A high Cparasitic value downgrades conversion accuracy. To remedy this,
fADC should be reduced.
General PCB design guidelines
Power supply decoupling should be performed as shown in Figure 12. The 10 nF capacitor
should be ceramic (good quality) and it should be placed as close as possible to the chip.
6.3.20
DAC electrical specifications
Table 86. DAC characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDDA
Analog supply voltage
-
2.4
-
3.6
V
RLOAD(1)
Resistive load
DAC output buffer ON
5
-
-
k
Ω
RL
Resistive load
Dac output buffer ON:
connected to VSSA
5-
-
k
Ω
Dac output buffer ON:
connected to VDDA
25
-
-
k
Ω
RO(1)
Output impedance
DAC output buffer OFF
-
-
15
k
Ω
CLOAD(1)
Capacitive load
DAC output buffer ON
-
-
50
pF
VDAC_OUT (1)
Voltage on DAC_OUT
output
Corresponds to 12-bit input
code (0x0E0) to (0xF1C) at
VDDA = 3.6 V
and (0x155) and (0xEAB) at
VDDA = 2.4 V DAC output
buffer ON.
0.2
-
VDDA – 0.2
V
DAC output buffer OFF
-
0.5
VDDA - 1LSB
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com