Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32F303RE Datasheet(PDF) 146 Page - STMicroelectronics

Part # STM32F303RE
Description  ARM Cortex-M4 32b MCUFPU, up to 512KB Flash, 80KB SRAM, FSMC, 4 ADCs, 2 DAC ch., 7 comp, 4 Op-Amp, 2.0-3.6 V
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F303RE Datasheet(HTML) 146 Page - STMicroelectronics

Back Button STM32F303RE Datasheet HTML 142Page - STMicroelectronics STM32F303RE Datasheet HTML 143Page - STMicroelectronics STM32F303RE Datasheet HTML 144Page - STMicroelectronics STM32F303RE Datasheet HTML 145Page - STMicroelectronics STM32F303RE Datasheet HTML 146Page - STMicroelectronics STM32F303RE Datasheet HTML 147Page - STMicroelectronics STM32F303RE Datasheet HTML 148Page - STMicroelectronics STM32F303RE Datasheet HTML 149Page - STMicroelectronics STM32F303RE Datasheet HTML 150Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 173 page
background image
Electrical characteristics
STM32F303xD STM32F303xE
146/173
DocID026415 Rev 5
Figure 52. 12-bit buffered /non-buffered DAC
1. The DAC integrates an output buffer that can be used to reduce the output impedance and to drive external
loads directly without the use of an external operational amplifier. The buffer can be bypassed by
configuring the BOFFx bit in the DAC_CR register.
6.3.21
Comparator characteristics
2. Quiescent mode refers to the state of the DAC a keeping steady value on the output, so no dynamic consumption is
involved.
3. Data based on characterization results, not tested in production.
Table 87. Comparator characteristics(1)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
VDDA
Analog supply voltage
-
2
-
3.6
V
VIN
Comparator input voltage
range
-0
-
VDDA
VBG
Scaler input voltage
-
-
VREFINIT
-
VSC
Scaler offset voltage
-
-
±5
±10
mV
tS_SC
Scaler startup time from
power down
--
-
0.2
ms
tSTART
Comparator startup time
VDDA ≥ 2.7 V
-
-
4
µs
VDDA < 2.7 V
-
-
10
tD
Propagation delay for
200 mV step with 100 mV
overdrive
VDDA ≥ 2.7 V
-
25
28
ns
VDDA < 2.7 V
-
28
30
Propagation delay for full
range step with 100 mV
overdrive
VDDA ≥ 2.7 V
-
32
35
VDDA < 2.7 V
-
35
40
VOFFSET
Comparator offset error
VDDA ≥ 2.7 V
-
±5
±10
mV
VDDA < 2.7 V
-
-
±25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com