Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32F427IG Datasheet(PDF) 203 Page - STMicroelectronics

Part # STM32F427IG
Description  ARM Cortex-M4 32b MCUFPU, 225DMIPS, up to 2MB Flash/2564KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 20 comm. interfaces, camera & LCD-TFT
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F427IG Datasheet(HTML) 203 Page - STMicroelectronics

Back Button STM32F427IG Datasheet HTML 199Page - STMicroelectronics STM32F427IG Datasheet HTML 200Page - STMicroelectronics STM32F427IG Datasheet HTML 201Page - STMicroelectronics STM32F427IG Datasheet HTML 202Page - STMicroelectronics STM32F427IG Datasheet HTML 203Page - STMicroelectronics STM32F427IG Datasheet HTML 204Page - STMicroelectronics STM32F427IG Datasheet HTML 205Page - STMicroelectronics STM32F427IG Datasheet HTML 206Page - STMicroelectronics STM32F427IG Datasheet HTML 207Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 203 / 239 page
background image
Package information
STM32F427xx STM32F429xx
202/238
DocID024030 Rev 9
Figure 84. WLCSP143 - 143-ball, 4.521x 5.547 mm, 0.4 mm pitch wafer level chip scale
recommended footprint
Table 111. WLCSP143 - 143-ball, 4.521x 5.547 mm, 0.4 mm pitch wafer level chip scale
package mechanical data
Symbol
millimeters
inches(1)
1. Values in inches are converted from mm and rounded to 4 decimal digits.
Min
Typ
Max
Min
Typ
Max
A
0.525
0.555
0.585
0.0207
0.0219
0.0230
A1
0.155
0.175
0.195
-
0.0069
-
A2
-
0.380
-
-
0.0150
-
A3(2)
2. Back side coating.
-
0.025
-
-
0.0010
-
b(3)
3. Dimension is measured at the maximum bump diameter parallel to primary datum Z.
0.220
0.250
0.280
0.0087
0.0098
0.0110
D
4.486
4.521
4.556
0.1766
0.1780
0.1794
E
5.512
5.547
5.582
0.2170
0.2184
0.2198
e
-
0.400
-
-
0.0157
-
e1
-
4.000
-
-
0.1575
-
e2
-
4.800
-
-
0.1890
-
F
-
0.2605
-
-
0.0103
-
G
-
0.3735
-
-
0.0147
-
aaa
-
-
0.100
-
-
0.0039
bbb
-
-
0.100
-
-
0.0039
ccc
-
-
0.100
-
-
0.0039
ddd
-
-
0.050
-
-
0.0020
eee
-
-
0.050
-
-
0.0020



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com