Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32F427IG Datasheet(PDF) 238 Page - STMicroelectronics

Part # STM32F427IG
Description  ARM Cortex-M4 32b MCUFPU, 225DMIPS, up to 2MB Flash/2564KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 20 comm. interfaces, camera & LCD-TFT
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F427IG Datasheet(HTML) 238 Page - STMicroelectronics

Back Button STM32F427IG Datasheet HTML 231Page - STMicroelectronics STM32F427IG Datasheet HTML 232Page - STMicroelectronics STM32F427IG Datasheet HTML 233Page - STMicroelectronics STM32F427IG Datasheet HTML 234Page - STMicroelectronics STM32F427IG Datasheet HTML 235Page - STMicroelectronics STM32F427IG Datasheet HTML 236Page - STMicroelectronics STM32F427IG Datasheet HTML 237Page - STMicroelectronics STM32F427IG Datasheet HTML 238Page - STMicroelectronics STM32F427IG Datasheet HTML 239Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 238 / 239 page
background image
DocID024030 Rev 9
237/238
STM32F427xx STM32F429xx
Revision history
237
21-Jan-2016
8
Updated Figure 22: Power supply scheme.
Added td(TXD) values corresponding to 1.71 V < VDD < 3.6 V in
Table 72: Dynamics characteristics: Ethernet MAC signals for RMII.
18-Jul-2016
9
Updated Figure 1: Compatible board design
STM32F10xx/STM32F2xx/STM32F4xx for LQFP100 package.
Added mission profile compliance with JEDEC JESD47 in
Section 6.2: Absolute maximum ratings.
Changed Figure 31 HSI deviation versus temperature to ACCHSI
versus temperature.
Updated RLOAD in Table 85: DAC characteristics.
Added note 2. related to the position of the 0.1 µF capacitor below
Figure 37: Recommended NRST pin protection.
Updated Figure 40: SPI timing diagram - master mode.
Added reference to optional marking or inset/upset marks in all
package device marking sections. Updated Figure 85: WLCSP143
marking example (package top view), Figure 88: LQFP144
marking example (package top view), Figure 91: LQFP176
marking (package top view), Figure 94: LQFP208 marking
example (package top view).
Updated Figure 98: UFBGA176+25 - ball 10 x 10 mm, 0.65 mm pitch
ultra thin fine pitch ball grid array package outline and Table 118:
UFBGA176+25 - ball, 10 x 10 mm, 0.65 mm pitch, ultra fine pitch ball
grid array package mechanical data.
Table 124. Document revision history
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com