Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32F469IG Datasheet(PDF) 105 Page - STMicroelectronics

Part # STM32F469IG
Description  ARMCortex-M4 32b MCUFPU, 225DMIPS, up to 2MB Flash/3844KB RAM, USB OTG HS/FS, Ethernet, FMC, dual Quad-SPI, Graphical accelerator, Camera IF, LCD-TFT & MIPI DSI
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F469IG Datasheet(HTML) 105 Page - STMicroelectronics

Back Button STM32F469IG Datasheet HTML 101Page - STMicroelectronics STM32F469IG Datasheet HTML 102Page - STMicroelectronics STM32F469IG Datasheet HTML 103Page - STMicroelectronics STM32F469IG Datasheet HTML 104Page - STMicroelectronics STM32F469IG Datasheet HTML 105Page - STMicroelectronics STM32F469IG Datasheet HTML 106Page - STMicroelectronics STM32F469IG Datasheet HTML 107Page - STMicroelectronics STM32F469IG Datasheet HTML 108Page - STMicroelectronics STM32F469IG Datasheet HTML 109Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 217 page
background image
DocID028196 Rev 3
105/217
STM32F469xx
Electrical characteristics
190
Table 30. Typical and maximum current consumption in Standby mode
Symbol
Parameter
Conditions
Typ(1)
Max(2)
Unit
TA = 25 °C
TA =
25 °C
TA =
85 °C
TA =
105 °C
VDD =
1.7 V
VDD=
2.4 V
VDD =
3.3 V
VDD = 3.3 V
IDD_STBY
Supply current
in Standby
mode
Backup SRAM ON, RTC and
LSE oscillator OFF
1.7
2.5
2.9
6(3)
18
35(3)
µA
Backup SRAM OFF, RTC and
LSE oscillator OFF
1.0
1.8
2.20
5(3)
15
30(3)
Backup SRAM OFF, RTC ON
and LSE oscillator in Power
Drive mode
1.7
2.7
3.2
7
20
39
Backup SRAM ON, RTC ON
and LSE oscillator in Power
Drive mode
2.4
3.4
4.0
8
25
48
Backup SRAM ON, RTC ON
and LSE oscillator in High
Drive mode
3.2
4.2
4.8
10
29
57
Backup SRAM OFF, RTC ON
and LSE oscillator in High
Drive mode
2.5
3.5
4.1
8
25
48
1. PDR is off for VDD=1.7 V. When the PDR is OFF (internal reset OFF), the typical current consumption is reduced by
additional 1.2 μA
2. Based on characterization, not tested in production unless otherwise specified.
3. Based on characterization, tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com