Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32F469II Datasheet(PDF) 103 Page - STMicroelectronics

Part # STM32F469II
Description  ARMCortex-M4 32b MCUFPU, 225DMIPS, up to 2MB Flash/3844KB RAM, USB OTG HS/FS, Ethernet, FMC, dual Quad-SPI, Graphical accelerator, Camera IF, LCD-TFT & MIPI DSI
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F469II Datasheet(HTML) 103 Page - STMicroelectronics

Back Button STM32F469II Datasheet HTML 99Page - STMicroelectronics STM32F469II Datasheet HTML 100Page - STMicroelectronics STM32F469II Datasheet HTML 101Page - STMicroelectronics STM32F469II Datasheet HTML 102Page - STMicroelectronics STM32F469II Datasheet HTML 103Page - STMicroelectronics STM32F469II Datasheet HTML 104Page - STMicroelectronics STM32F469II Datasheet HTML 105Page - STMicroelectronics STM32F469II Datasheet HTML 106Page - STMicroelectronics STM32F469II Datasheet HTML 107Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 217 page
background image
DocID028196 Rev 3
103/217
STM32F469xx
Electrical characteristics
190
Table 28. Typical and maximum current consumption in Sleep mode, regulator OFF
Symbol
Parameter
Conditions
fHCLK
(MHz)
Typ
Max(1)
Unit
IDD12 IDD
TA = 25 °C
TA = 85 °C TA = 105 °C
IDD12 IDD IDD12 IDD IDD12 IDD
IDD12 / IDD
Supply current
in RUN mode
from V12 and
VDD supply
All
Peripherals
enabled
168
70
1
75
1
100
1
126
1
mA
150
63
1
70
1
93
1
118
1
144
57
1
61
1
84
1
108
1
120
42145
1
64
1841
90
32136
1
53
1731
60
22124
1
43
1631
30
12114
1
33
1531
25
10112
1
31
1511
All
Peripherals
disabled
168
20124
1
49
1751
150
18122
1
47
1731
144
16119
1
42
1661
120
12114
1
33
1531
90
10112
1
30
1501
60
7
1
9
1
27
1471
30
4
1
6
1
24
1441
25
4
1
6
1
24
1441
1. Guaranteed based on test during characterization.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com