Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32F469NE Datasheet(PDF) 102 Page - STMicroelectronics

Part # STM32F469NE
Description  ARMCortex-M4 32b MCUFPU, 225DMIPS, up to 2MB Flash/3844KB RAM, USB OTG HS/FS, Ethernet, FMC, dual Quad-SPI, Graphical accelerator, Camera IF, LCD-TFT & MIPI DSI
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F469NE Datasheet(HTML) 102 Page - STMicroelectronics

Back Button STM32F469NE Datasheet HTML 98Page - STMicroelectronics STM32F469NE Datasheet HTML 99Page - STMicroelectronics STM32F469NE Datasheet HTML 100Page - STMicroelectronics STM32F469NE Datasheet HTML 101Page - STMicroelectronics STM32F469NE Datasheet HTML 102Page - STMicroelectronics STM32F469NE Datasheet HTML 103Page - STMicroelectronics STM32F469NE Datasheet HTML 104Page - STMicroelectronics STM32F469NE Datasheet HTML 105Page - STMicroelectronics STM32F469NE Datasheet HTML 106Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 217 page
background image
Electrical characteristics
STM32F469xx
102/217
DocID028196 Rev 3
Table 27. Typical and maximum current consumption in Sleep mode, regulator ON
Symbol
Parameter Conditions fHCLK (MHz)
Typ
Max(1)(2)(3)
Unit
TA = 25 °C
TA = 85 °C TA = 105 °C
IDD
Supply
current in
Sleep mode
All
Peripherals
enabled
180
78
88(4)
118
151(4)
mA
168
71
76
101
127
150
64
71
94
119
144
58
62
85
109
120
43
46
65
85
90
33
37
54
74
60
23
25
44
63
30
13
15
34
53
25
11
13
32
52
16
5
8
27
47
84
7
25
45
43
5
24
44
22
5
23
43
All
Peripherals
disabled
180
23
29(4)
63
96(4)
168
21
25
50
76
150
19
23
48
74
144
17
31
43
67
120
13
16
34
54
90
10
13
31
51
60
7
10
28
48
30
5
7
25
45
25
4
7
25
45
16
2
5
23
43
82
5
23
43
42
5
23
43
22
4
23
42
1. Guaranteed based on test during characterization.
2. When analog peripheral blocks such as ADCs, DACs, HSE, LSE, HSI, or LSI are ON, an additional power consumption
should be considered.
3. When the ADC is ON (ADON bit set in the ADC_CR2 register), add an additional power consumption of 1.6 mA per ADC
for the analog part.
4. Guaranteed by test in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com