Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32F469NG Datasheet(PDF) 101 Page - STMicroelectronics

Part # STM32F469NG
Description  ARMCortex-M4 32b MCUFPU, 225DMIPS, up to 2MB Flash/3844KB RAM, USB OTG HS/FS, Ethernet, FMC, dual Quad-SPI, Graphical accelerator, Camera IF, LCD-TFT & MIPI DSI
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F469NG Datasheet(HTML) 101 Page - STMicroelectronics

Back Button STM32F469NG Datasheet HTML 97Page - STMicroelectronics STM32F469NG Datasheet HTML 98Page - STMicroelectronics STM32F469NG Datasheet HTML 99Page - STMicroelectronics STM32F469NG Datasheet HTML 100Page - STMicroelectronics STM32F469NG Datasheet HTML 101Page - STMicroelectronics STM32F469NG Datasheet HTML 102Page - STMicroelectronics STM32F469NG Datasheet HTML 103Page - STMicroelectronics STM32F469NG Datasheet HTML 104Page - STMicroelectronics STM32F469NG Datasheet HTML 105Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 217 page
background image
DocID028196 Rev 3
101/217
STM32F469xx
Electrical characteristics
190
Table 26. Typical and maximum current consumption in Run mode, code with data
processing running from Flash memory (ART accelerator enabled except prefetch),
regulator OFF
Symbol
Parameter
Conditions
fHCLK
(MHz)
Typ
Max(1)
Unit
IDD12 IDD
TA = 25 °C
TA = 85 °C TA = 105 °C
IDD12 IDD IDD12 IDD IDD12 IDD
IDD12 / IDD
Supply current
in RUN mode
from V12 and
VDD supply
All Peripherals
enabled(2) (3)
168
93
1
98
1
123
1
148
1
mA
150
83
1
88
1
113
1
138
1
144
76
1
80
1
103
1
126
1
120
56
1
591781971
90
43
1451641831
60
29
1321501701
30
15
1181361561
25
13
1151341531
All Peripherals
disabled
168
44
1
50172194
1
150
40
1
451681901
144
36
1
401621821
120
27
1
301481661
90
20
1231411601
60
14
1161351531
30
8
1
101281471
25
7
1
9
1271461
1. Guaranteed based on test during characterization.
2. When analog peripheral blocks such as ADCs, DACs, HSE, LSE, HSI, or LSI are ON, DSI regulator, an additional power
consumption should be considered.
3. When the ADC is ON (ADON bit set in the ADC_CR2 register), add an additional power consumption of 1.6 mA per ADC
for the analog part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com