Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32F756IG Datasheet(PDF) 120 Page - STMicroelectronics

Part # STM32F756IG
Description  ARM-based Cortex-M7 32b MCUFPU, 462DMIPS, up to 1MB Flash/32016 4KB RAM, crypto, USB OTG HS/FS, ethernet, 18 TIMs, 3 ADCs, 25 com itf, cam & LCD
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F756IG Datasheet(HTML) 120 Page - STMicroelectronics

Back Button STM32F756IG Datasheet HTML 116Page - STMicroelectronics STM32F756IG Datasheet HTML 117Page - STMicroelectronics STM32F756IG Datasheet HTML 118Page - STMicroelectronics STM32F756IG Datasheet HTML 119Page - STMicroelectronics STM32F756IG Datasheet HTML 120Page - STMicroelectronics STM32F756IG Datasheet HTML 121Page - STMicroelectronics STM32F756IG Datasheet HTML 122Page - STMicroelectronics STM32F756IG Datasheet HTML 123Page - STMicroelectronics STM32F756IG Datasheet HTML 124Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 228 page
background image
Electrical characteristics
STM32F756xx
120/228
DocID027589 Rev 4
APB1
(up to
54 MHz)
TIM2
19.8
18.7
16.1
µA/MHz
TIM3
16.6
15.1
13.6
TIM4
16.2
15.1
13.3
TIM5
19
17.8
15.8
TIM6
3
2.7
2.5
TIM7
3
2.7
2.5
TIM12
12.4
11.3
10.3
TIM13
6
5.3
5
TIM14
6
5.3
5
LPTIM1
9.4
8.7
8.1
WWDG
1.8
1.6
1.4
SPI2/I2S2(3)
32.9
2.8
SPI3/I2S3(3)
3.2
2.9
2.8
SPDIFRX
2.2
2
1.7
USART2
12.8
12
10.8
USART3
15.6
14.2
13.1
UART4
11.8
10.7
9.7
UART5
11.2
10
9.2
I2C1
9.8
8.7
7.8
I2C2
8.6
7.8
7.2
I2C3
8.6
7.8
7.2
I2C4
12
10.9
9.7
CAN1
6.8
6
5.6
CAN2
6.8
6
5.8
CEC
1
0.7
0.8
PWR
1.2
0.9
0.8
DAC(4)
32.7
2.5
UART7
12.4
11.6
10
UART8
10.4
9.3
8.6
Table 35. Peripheral current consumption (continued)
Peripheral
IDD(Typ)(1)
Unit
Scale 1
Scale 2
Scale 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com