Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32F756NG Datasheet(PDF) 227 Page - STMicroelectronics

Part # STM32F756NG
Description  ARM-based Cortex-M7 32b MCUFPU, 462DMIPS, up to 1MB Flash/32016 4KB RAM, crypto, USB OTG HS/FS, ethernet, 18 TIMs, 3 ADCs, 25 com itf, cam & LCD
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F756NG Datasheet(HTML) 227 Page - STMicroelectronics

Back Button STM32F756NG Datasheet HTML 220Page - STMicroelectronics STM32F756NG Datasheet HTML 221Page - STMicroelectronics STM32F756NG Datasheet HTML 222Page - STMicroelectronics STM32F756NG Datasheet HTML 223Page - STMicroelectronics STM32F756NG Datasheet HTML 224Page - STMicroelectronics STM32F756NG Datasheet HTML 225Page - STMicroelectronics STM32F756NG Datasheet HTML 226Page - STMicroelectronics STM32F756NG Datasheet HTML 227Page - STMicroelectronics STM32F756NG Datasheet HTML 228Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 227 / 228 page
background image
DocID027589 Rev 4
227/228
STM32F756xx
Revision history
227
10-Dec-2015
3
Updated Table 10: STM32F756xx pin and ball definition additional
function column: WKUP1, 2, 3, 4, 5, 6 must be respectively PA0, PA2,
PC1, PC13, PI8, PI11.
Updated Table 62: ADC characteristics adding VREF- negative voltage
reference.
Update Table 14: Voltage characteristics adding table note 3.
Updated Table 69: Temperature sensor calibration values memory
addresses.
Updated Table 72: Internal reference voltage calibration values
memory addresses.
16-Feb-2016
4
Updated Table 52: EMI characteristics modifying 25/180 MHz by
25/200 MHz.
Updated Figure 13: STM32F756Zx WLCSP143 ballout.
Added TFBGA100 8 x 8 mm package:
– Updated Cover page.
– Updated Section 1: Description.
– Updated Table 2: STM32F756xx features and peripheral counts.
– Updated Table 4: Regulator ON/OFF and internal reset ON/OFF
availability.
– Updated Section 3: Pinouts and pin description adding Figure 12:
STM32F756Vx TFBGA100 ballout and adding TFBGA100 ball
description in Table 10: STM32F756xx pin and ball definition.
– Updated Table 17: General operating conditions.
– Updated Table 53: ESD absolute maximum ratings.
– Updated notes below Figure 43 and Figure 44.
– Updated Section 6: Package information adding Section 6.2:
TFBGA100, 8 x 8 x 0.8 mm thin fine-pitch ball grid array package
information and adding thermal resistance in Table 124: Package
thermal characteristics.
– Updated Table 10: STM32F756xx pin and ball definition note 5.
Updated Table 35: Peripheral current consumption peripheral
consumption on APB1 and APB2.
Updated Figure 18: STM32F756Nx TFBGA216 ballout.
Table 127. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com