Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32L475RE Datasheet(PDF) 177 Page - STMicroelectronics

Part # STM32L475RE
Description  Ultra-low-power ARM Cortex-M4 32-bit MCUFPU, 100DMIPS, up to 1MB Flash, 128 KB SRAM, USB OTG FS, analog, audio
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L475RE Datasheet(HTML) 177 Page - STMicroelectronics

Back Button STM32L475RE Datasheet HTML 173Page - STMicroelectronics STM32L475RE Datasheet HTML 174Page - STMicroelectronics STM32L475RE Datasheet HTML 175Page - STMicroelectronics STM32L475RE Datasheet HTML 176Page - STMicroelectronics STM32L475RE Datasheet HTML 177Page - STMicroelectronics STM32L475RE Datasheet HTML 178Page - STMicroelectronics STM32L475RE Datasheet HTML 179Page - STMicroelectronics STM32L475RE Datasheet HTML 180Page - STMicroelectronics STM32L475RE Datasheet HTML 181Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 177 / 193 page
background image
DocID027692 Rev 2
177/193
STM32L475xx
Electrical characteristics
181
Synchronous waveforms and timings
Figure 36 and Figure 37 represent synchronous waveforms and Table 94 and
Table 95 provide the corresponding timings. The results shown in these tables are
obtained with the following FMC configuration:
•
BurstAccessMode = FMC_BurstAccessMode_Enable
•
MemoryType = FMC_MemoryType_CRAM
•
WriteBurst = FMC_WriteBurst_Enable
•
CLKDivision = 1
•
DataLatency = 1 for NOR Flash; DataLatency = 0 for PSRAM
Table 92. Asynchronous multiplexed PSRAM/NOR write timings(1)(2)
1. CL = 30 pF.
2. Guaranteed by characterization results.
Symbol
Parameter
Min
Max
Unit
tw(NE)
FMC_NE low time
4THCLK-0.5
4THCLK+2
ns
tv(NWE_NE) FMC_NEx low to FMC_NWE low
THCLK-0.5
THCLK+1
tw(NWE)
FMC_NWE low time
2xTHCLK-1.5
2xTHCLK+1.
5
th(NE_NWE) FMC_NWE high to FMC_NE high hold time
THCLK-0.5
-
tv(A_NE)
FMC_NEx low to FMC_A valid
-
3
tv(NADV_NE) FMC_NEx low to FMC_NADV low
0
1
tw(NADV)
FMC_NADV low time
THCLK-0.5
THCLK+1
th(AD_NADV)
FMC_AD(adress) valid hold time after
FMC_NADV high
THCLK-2
-
th(A_NWE)
Address hold time after FMC_NWE high
THCLK-1
-
th(BL_NWE) FMC_BL hold time after FMC_NWE high
THCLK+0.5
-
tv(BL_NE)
FMC_NEx low to FMC_BL valid
-
1.5
tv(Data_NADV) FMC_NADV high to Data valid
-
THCLK +4
th(Data_NWE) Data hold time after FMC_NWE high
THCLK +0.5
-
Table 93. Asynchronous multiplexed PSRAM/NOR write-NWAIT timings(1)(2)
1. CL = 30 pF.
2. Guaranteed by characterization results.
Symbol
Parameter
Min
Max
Unit
tw(NE)
FMC_NE low time
9THCLK-0.5
9THCLK+2
ns
tw(NWE)
FMC_NWE low time
7THCLK-1.5
7THCLK+1.5
tsu(NWAIT_NE) FMC_NWAIT valid before FMC_NEx high
6THCLK+2
-
th(NE_NWAIT) FMC_NEx hold time after FMC_NWAIT invalid
4THCLK-3
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com