Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2873 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC2873
Description  1.2A High-Brightness Flash LED Driver with Single-Wire Serial Interface
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2873 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC2873 Datasheet HTML 1Page - Micrel Semiconductor MIC2873 Datasheet HTML 2Page - Micrel Semiconductor MIC2873 Datasheet HTML 3Page - Micrel Semiconductor MIC2873 Datasheet HTML 4Page - Micrel Semiconductor MIC2873 Datasheet HTML 5Page - Micrel Semiconductor MIC2873 Datasheet HTML 6Page - Micrel Semiconductor MIC2873 Datasheet HTML 7Page - Micrel Semiconductor MIC2873 Datasheet HTML 8Page - Micrel Semiconductor MIC2873 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
Micrel, Inc.
MIC2873
Ordering Information
Part Number
Marking Code
Operating Ambient Temperature
Range
Package
(1)
MIC2873YCS
73A
–40°C to +85°C
9-Bump 1.30mm × 1.30mm WLCSP
Note:
1.
WLCSP bump A1 identifier = “
•”.
Pin Configuration
9-Bump 1.30mm x 1.30mm WLCSP (CS)
(Top View)
Pin Description
Pin Number
Pin Name
Pin Function
A1
LED
LED Current Sink Pin. Connect the LED anode to OUT and cathode to this pin.
A2
DC
Single-wire interface serial control input.
A3
OUT
Boost converter output pin to be connected to the anode of the LED. Connect a low-ESR ceramic
capacitor of at least 4.7µF to PGND.
B1
LGND
Linear Ground. LED current return path.
B2
FEN
Flash Mode Enable Pin. Asserting this pin high enables MIC2873 into the flash mode. If this pin is
left floating, it is pulled-down internally by a built-in 1µA current source when the device is
enabled.
B3
SW
Inductor Connection Pin. It is connected to the internal power MOSFETs.
C1
AGND
Analog Ground.
C2
VIN
Supply Input Pin. Connect a low-ESR ceramic capacitor of at least 4.7µF to AGND.
C3
PGND
Power Ground. Inductor current return path.
July 17, 2014
2
Revision 1.0


Similar Part No. - MIC2873

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2870 MICREL-MIC2870 Datasheet
2Mb / 25P
   1.5A Synchronous Boost Flash LED Driver with I2C Interface
MIC2870YFT MICREL-MIC2870YFT Datasheet
2Mb / 25P
   1.5A Synchronous Boost Flash LED Driver with I2C Interface
MIC2871 MICREL-MIC2871 Datasheet
1Mb / 24P
   1.2A High-Brightness LED Flash Driver with Single-Wire Serial Interface
MIC2871YMK MICREL-MIC2871YMK Datasheet
1Mb / 24P
   1.2A High-Brightness LED Flash Driver with Single-Wire Serial Interface
MIC2874 MICREL-MIC2874 Datasheet
2Mb / 22P
   1.2A High-Brightness Flash LED Driver with Single-Wire Serial Interface
More results

Similar Description - MIC2873

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2871 MICREL-MIC2871 Datasheet
1Mb / 24P
   1.2A High-Brightness LED Flash Driver with Single-Wire Serial Interface
MIC2874 MICREL-MIC2874 Datasheet
2Mb / 22P
   1.2A High-Brightness Flash LED Driver with Single-Wire Serial Interface
logo
Exar Corporation
XRP7613IDBTR-F EXAR-XRP7613IDBTR-F Datasheet
1Mb / 14P
   1.2A 36V Step Down High Brightness LED Driver
logo
Texas Instruments
LM3553 TI1-LM3553 Datasheet
1Mb / 26P
[Old version datasheet]   1.2A Dual Flash LED Driver System
logo
List of Unclassifed Man...
PT4115 ETC2-PT4115 Datasheet
1Mb / 18P
   30V, 1.2A Step-down High Brightness LED Driver with 5000:1 Dimming
logo
Texas Instruments
LP5560 TI1-LP5560 Datasheet
4Mb / 29P
[Old version datasheet]   LP5560 Programmable LED Driver With Single-Wire Interface
logo
National Semiconductor ...
LM3553 NSC-LM3553 Datasheet
394Kb / 18P
   1.2A Dual Flash LED Driver System with I2C Compatible
logo
Fairchild Semiconductor
FAN5345 FAIRCHILD-FAN5345 Datasheet
1Mb / 14P
   Series Boost LED Driver with Single-Wire Digital Interface
logo
Micrel Semiconductor
MIC2291 MICREL-MIC2291 Datasheet
107Kb / 9P
   1.2A PWM Boost Regulator Photo Flash LED Driver
MIC2291 MICREL-MIC2291_07 Datasheet
709Kb / 10P
   1.2A PWM Boost Regulator Photo Flash LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com