Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74VHC1G01 Datasheet(PDF) 2 Page - ON Semiconductor

Part # MC74VHC1G01
Description  Single 2-Input NAND Gate with Open Drain Output
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74VHC1G01 Datasheet(HTML) 2 Page - ON Semiconductor

  MC74VHC1G01_16 Datasheet HTML 1Page - ON Semiconductor MC74VHC1G01_16 Datasheet HTML 2Page - ON Semiconductor MC74VHC1G01_16 Datasheet HTML 3Page - ON Semiconductor MC74VHC1G01_16 Datasheet HTML 4Page - ON Semiconductor MC74VHC1G01_16 Datasheet HTML 5Page - ON Semiconductor MC74VHC1G01_16 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MC74VHC1G01
www.onsemi.com
2
MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VCC
DC Supply Voltage
*0.5 to )7.0
V
VIN
DC Input Voltage
−0.5 to +7.0
V
VOUT
DC Output Voltage
*0.5 to VCC )0.5
V
IIK
DC Input Diode Current
−20
mA
IOK
DC Output Diode Current
VOUT t GND; VOUT u VCC
$20
mA
IOUT
DC Output Sink Current, per Pin
25
mA
ICC
DC Supply Current, VCC and GND Pin
$25
mA
TSTG
Storage Temperature Range
*65 to )150
°C
TL
Lead Temperature, 1 mm from Case for 10 Seconds
260
°C
TJ
Junction Temperature Under Bias
)150
°C
qJA
Thermal Resistance
SC70−5/SC−88A (Note 1)
TSOP−5
350
230
°C/W
PD
Power Dissipation in Still Air at 85
°C
SC70−5/SC−88A
TSOP−5
150
200
mW
MSL
Moisture Sensitivity
Level 1
FR
Flammability Rating
Oxygen Index: 28 to 34
UL 94 V−0 @ 0.125 in
VESD
ESD Withstand Voltage
Human Body Model (Note 2)
Machine Model (Note 3)
Charged Device Model (Note 4)
u2000
u200
N/A
V
ILATCHUP
Latchup Performance
Above VCC and Below GND at 125°C (Note 5)
$500
mA
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
1. Measured with minimum pad spacing on an FR4 board, using 10 mm−by−1 inch, 2−ounce copper trace with no air flow.
2. Tested to EIA/JESD22−A114−A.
3. Tested to EIA/JESD22−A115−A.
4. Tested to JESD22−C101−A.
5. Tested to EIA/JESD78.
RECOMMENDED OPERATING CONDITIONS
Symbol
Characteristics
Min
Max
Unit
VCC
DC Supply Voltage
2.0
5.5
V
VIN
DC Input Voltage
0.0
5.5
V
VOUT
DC Output Voltage
0.0
7.0
V
TA
Operating Temperature Range
−55
+125
°C
tr , tf
Input Rise and Fall Time
VCC = 3.3 V ± 0.3 V
VCC = 5.0 V ± 0.5 V
0
0
100
20
ns/V
Functional operation above the stresses listed in the Recommended Operating Ranges is not implied. Extended exposure to stresses beyond
the Recommended Operating Ranges limits may affect device reliability.
DEVICE JUNCTION TEMPERATURE VERSUS
TIME TO 0.1% BOND FAILURES
Junction
Temperature
°C
Time, Hours
Time, Years
80
1,032,200
117.8
90
419,300
47.9
100
178,700
20.4
110
79,600
9.4
120
37,000
4.2
130
17,800
2.0
140
8,900
1.0
1
1
10
100
1000
FAILURE RATE OF PLASTIC = CERAMIC
UNTIL INTERMETALLICS OCCUR
Figure 3. Failure Rate vs. Time Junction Temperature
TIME, YEARS


Similar Part No. - MC74VHC1G01_16

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74VHC1G01 ONSEMI-MC74VHC1G01_18 Datasheet
206Kb / 14P
   Single 2-Input NAND Gate
November, 2018 ??Rev. 17
More results

Similar Description - MC74VHC1G01_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G38 TI1-SN74LVC1G38_16 Datasheet
1Mb / 21P
[Old version datasheet]   Single 2-Input NAND Gate With Open-Drain Output
SN74LVC1G38 TI1-SN74LVC1G38_17 Datasheet
723Kb / 19P
[Old version datasheet]   Single 2-Input NAND Gate With Open-Drain Output
SN74LVC1G38 TI1-SN74LVC1G38_18 Datasheet
2Mb / 38P
[Old version datasheet]   Single 2-Input NAND Gate With Open-Drain Output
SN74LVC1G38_017 TI1-SN74LVC1G38_017 Datasheet
1Mb / 34P
[Old version datasheet]   Single 2-Input NAND Gate With Open-Drain Output
logo
ON Semiconductor
MC74VHC1G01 ONSEMI-MC74VHC1G01_V01 Datasheet
172Kb / 14P
   Single 2-Input NAND Gate with Open Drain Output
April, 2022 ??Rev. 20
logo
Texas Instruments
SN74LVC1G38 TI-SN74LVC1G38 Datasheet
263Kb / 12P
[Old version datasheet]   SINGLE 2-INPUT NAND GATE WITH OPEN-DRAIN OUTPUT
logo
E-Tech Electronics LTD
MC74VHC1G01 ETL-MC74VHC1G01 Datasheet
579Kb / 4P
   2-Input NAND Gate with Open Drain Output
MC74VHC1G03 ETL-MC74VHC1G03 Datasheet
607Kb / 4P
   2-Input NAND Gate with Open Drain Output
logo
List of Unclassifed Man...
MC74VHC1G03 ETC1-MC74VHC1G03 Datasheet
190Kb / 4P
   2-Input NAND Gate with Open Drain Output
logo
Leshan Radio Company
L74VHC1G01 LRC-L74VHC1G01 Datasheet
225Kb / 6P
   2-Input NAND Gate with Open Drain Output
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com