Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-35710B01A-K8T2U Datasheet(PDF) 15 Page - Seiko Instruments Inc

Part # S-35710B01A-K8T2U
Description  Low current consumption
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-35710B01A-K8T2U Datasheet(HTML) 15 Page - Seiko Instruments Inc

Back Button S-35710B01A-K8T2U Datasheet HTML 11Page - Seiko Instruments Inc S-35710B01A-K8T2U Datasheet HTML 12Page - Seiko Instruments Inc S-35710B01A-K8T2U Datasheet HTML 13Page - Seiko Instruments Inc S-35710B01A-K8T2U Datasheet HTML 14Page - Seiko Instruments Inc S-35710B01A-K8T2U Datasheet HTML 15Page - Seiko Instruments Inc S-35710B01A-K8T2U Datasheet HTML 16Page - Seiko Instruments Inc S-35710B01A-K8T2U Datasheet HTML 17Page - Seiko Instruments Inc S-35710B01A-K8T2U Datasheet HTML 18Page - Seiko Instruments Inc S-35710B01A-K8T2U Datasheet HTML 19Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 33 page
background image
FOR AUTOMOTIVE 125°C OPERATION 2-WIRE CONVENIENCE TIMER
Rev.1.5_00
S-35710 Series
15
2. 2 Read mode
After the timer starts to operate, if write operation is not performed to the wake-up time register, the interrupt signal is
not output from the INT pin. The timer stops at "FFFFFF h". The timer value during timing can be confirmed by
reading the time register. This operation is called "read mode".
In order for the timer to operate again, set the RST
_______
pin from "L" to "H" or perform write operation to the wake-up
time register. Regarding the operation, refer to Figure 14 and Figure 15.
Figure 20 and Figure 21 show the status transition diagram about the handshake time-out operation.
Timing status
INT pin = "H"
Timing stop status
INT pin = "H"
Timing status
INT pin = "H"
Timing stop status
INT pin = "L"
Initial status
Wake-up time register = "0 h"
Timer = "0 h"
INT pin = "H"
Timer reset
Timer = "0 h"
INT pin = "H"
Read mode
Write
Write
Write
Read
Read
Read
Power-on
RST pin = "L"
RST pin = "H"
Count up every
second
RST pin = "L"
RST pin = "L"
RST pin = "L"
Write
Read
Timer = "FFFFFF h"
Timer
= Wake-up time register
Automatic
migration
Count up every
second
Timer reset
Wake-up time register = "0 h"
Timer = "0 h"
INT pin = "L"
Write mode
RST pin = "H"
Read
Write
RST pin = "L"
Remark Write: Wake-up time register write command
Read: Time register read command
Write
Figure 20 Status Transition Diagram of Handshake Time-out (Nch Open-drain Output)


Similar Part No. - S-35710B01A-K8T2U

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-35710B01I-K8T2U ABLIC-S-35710B01I-K8T2U Datasheet
753Kb / 32P
   PROGRAMMABLE WAKE-UP TIMER IC
Rev.1.1_00
More results

Similar Description - S-35710B01A-K8T2U

ManufacturerPart #DatasheetDescription
logo
Rohm
BD7602GUL ROHM-BD7602GUL Datasheet
1Mb / 25P
   Low current consumption
logo
Seiko Instruments Inc
S-5716ANDL0-M3T1U SII-S-5716ANDL0-M3T1U Datasheet
1Mb / 28P
   LOW CURRENT CONSUMPTION
logo
SHANGHAI BELLING CO., L...
BL1240 BELLING-BL1240 Datasheet
148Kb / 5P
   Low current consumption
logo
IK Semicon Co., Ltd
ILE4276 IKSEMICON-ILE4276 Datasheet
408Kb / 6P
   Low consumption current
logo
RF Micro Devices
RFFC506X RFMD-RFFC506X Datasheet
4Mb / 25P
   Low Current Consumption
logo
Abracon Corporation
ASDSERIES ABRACON-ASDSERIES Datasheet
884Kb / 4P
   Low current consumption
01.19.15
logo
Anaren Microwave
A20737C ANAREN-A20737C Datasheet
674Kb / 2P
   Low Current Consumption
logo
Seiko Instruments Inc
S-35720C01A-K8T2U SII-S-35720C01A-K8T2U Datasheet
1Mb / 21P
   Low current consumption
logo
NIHON DEMPA KOGYO
NZ2520SHB NDK-NZ2520SHB_18 Datasheet
833Kb / 2P
   Low current consumption Type
NZ2016SHB NDK-NZ2016SHB_18 Datasheet
851Kb / 2P
   Low current consumption Type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com