Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-35710B01A-K8T2U Datasheet(PDF) 17 Page - Seiko Instruments Inc

Part # S-35710B01A-K8T2U
Description  Low current consumption
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-35710B01A-K8T2U Datasheet(HTML) 17 Page - Seiko Instruments Inc

Back Button S-35710B01A-K8T2U Datasheet HTML 13Page - Seiko Instruments Inc S-35710B01A-K8T2U Datasheet HTML 14Page - Seiko Instruments Inc S-35710B01A-K8T2U Datasheet HTML 15Page - Seiko Instruments Inc S-35710B01A-K8T2U Datasheet HTML 16Page - Seiko Instruments Inc S-35710B01A-K8T2U Datasheet HTML 17Page - Seiko Instruments Inc S-35710B01A-K8T2U Datasheet HTML 18Page - Seiko Instruments Inc S-35710B01A-K8T2U Datasheet HTML 19Page - Seiko Instruments Inc S-35710B01A-K8T2U Datasheet HTML 20Page - Seiko Instruments Inc S-35710B01A-K8T2U Datasheet HTML 21Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 33 page
background image
FOR AUTOMOTIVE 125°C OPERATION 2-WIRE CONVENIENCE TIMER
Rev.1.5_00
S-35710 Series
17
Configuration of Registers
1. Time register
The time register is a 3-byte register that stores the timer value in the binary code.
The time register is read-only.
Perform the read operation of the time register in 3-byte unit from TM23 to TM0.
Example:
3 seconds
(0000_0000_0000_0000_0000_0011)
45 minutes
(0000_0000_0000_1010_1000_1100)
5 hours 30 minutes
(0000_0000_0100_1101_0101_1000)
TM0
TM1
TM2
TM3
TM4
TM5
TM6
TM7
B7
B0
TM8
TM9
TM10
TM11
TM12
TM13
TM14
TM15
B7
B0
TM16
TM17
TM18
TM19
TM20
TM21
TM22
TM23
B7
B0
Figure 22
2. Wake-up time register
The wake-up time register is a 3-byte register that stores the wake-up time of the microcontroller in the binary code.
The wake-up time register is possible for write and read.
Perform the write and read operation of the wake-up time register in 3-byte unit from WU23 to WU0.
When performing the read operation of the wake-up time register, set the RST
_______
pin to "H". If the RST
_______
pin is set to "L",
the time register data is read.
WU0
WU1
WU2
WU3
WU4
WU5
WU6
WU7
B7
B0
WU8
WU9
WU10
WU11
WU12
WU13
WU14
WU15
B7
B0
WU16
WU17
WU18
WU19
WU20
WU21
WU22
WU23
B7
B0
Figure 23


Similar Part No. - S-35710B01A-K8T2U

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-35710B01I-K8T2U ABLIC-S-35710B01I-K8T2U Datasheet
753Kb / 32P
PROGRAMMABLE WAKE-UP TIMER IC
Rev.1.1_00
More results

Similar Description - S-35710B01A-K8T2U

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL1240 BELLING-BL1240 Datasheet
148Kb / 5P
Low current consumption
logo
Rohm
BD7602GUL ROHM-BD7602GUL Datasheet
1Mb / 25P
Low current consumption
logo
RF Micro Devices
RFFC506X RFMD-RFFC506X Datasheet
4Mb / 25P
Low Current Consumption
logo
IK Semicon Co., Ltd
ILE4276 IKSEMICON-ILE4276 Datasheet
408Kb / 6P
Low consumption current
logo
Seiko Instruments Inc
S-5716ANDL0-M3T1U SII-S-5716ANDL0-M3T1U Datasheet
1Mb / 28P
LOW CURRENT CONSUMPTION
S-35720C01A-K8T2U SII-S-35720C01A-K8T2U Datasheet
1Mb / 21P
Low current consumption
logo
Anaren Microwave
A20737C ANAREN-A20737C Datasheet
674Kb / 2P
Low Current Consumption
logo
Abracon Corporation
ASDSERIES ABRACON-ASDSERIES Datasheet
884Kb / 4P
Low current consumption
01.19.15
logo
NIHON DEMPA KOGYO
NZ2016SHB NDK-NZ2016SHB_18 Datasheet
851Kb / 2P
Low current consumption Type
NZ2520SHB NDK-NZ2520SHB_18 Datasheet
833Kb / 2P
Low current consumption Type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com