Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-35710B01A-K8T2U Datasheet(PDF) 18 Page - Seiko Instruments Inc

Part # S-35710B01A-K8T2U
Description  Low current consumption
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-35710B01A-K8T2U Datasheet(HTML) 18 Page - Seiko Instruments Inc

Back Button S-35710B01A-K8T2U Datasheet HTML 14Page - Seiko Instruments Inc S-35710B01A-K8T2U Datasheet HTML 15Page - Seiko Instruments Inc S-35710B01A-K8T2U Datasheet HTML 16Page - Seiko Instruments Inc S-35710B01A-K8T2U Datasheet HTML 17Page - Seiko Instruments Inc S-35710B01A-K8T2U Datasheet HTML 18Page - Seiko Instruments Inc S-35710B01A-K8T2U Datasheet HTML 19Page - Seiko Instruments Inc S-35710B01A-K8T2U Datasheet HTML 20Page - Seiko Instruments Inc S-35710B01A-K8T2U Datasheet HTML 21Page - Seiko Instruments Inc S-35710B01A-K8T2U Datasheet HTML 22Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 33 page
background image
FOR AUTOMOTIVE 125°C OPERATION 2-WIRE CONVENIENCE TIMER
S-35710 Series
Rev.1.5_00
18
Serial Interface
The S-35710 Series transmits and receives various commands via I
2C-bus serial interface to read / write data.
1. Start condition
When SDA changes from "H" to "L" with SCL at "H", the S-35710 Series recognizes start condition and the access
operation is started.
2. Stop condition
When SDA changes from "L" to "H" with SCL at "H", the S-35710 Series recognizes stop condition and the access
operation is completed. The S-35710 Series enters standby mode, consequently.
tSU.STA
tHD.STA
tSU.STO
Start condition
Stop condition
SDA
SCL
Figure 24 Start / Stop Condition
3. Data transmission and acknowledge
The data transmission is performed at every 1 byte after the start condition detection. Pay attention to the specification
of tSU.DAT and tHD.DAT when changing SDA, and perform the operation when SCL is "L". If SDA changes when SCL is
"H", the start / stop condition is recognized even during the data transmission, and the access operation will be
interrupted.
Whenever a 1-byte data is received during data transimmion, the receiving device returns an acknowledge. For
example, as shown in Figure 25, assume that the S-35710 Series is a receiving device, and the master device is a
transmitting device. If the clock pulse at the 8th bit falls, the master device releases SDA. Consequently, the S-35710
Series, as an acknowledge, sets SDA to "L" during the 9th bit pulse. The access operation is not performed properly
when the S-35710 Series does not output an acknowledge.
tHD.DAT
tSU.DAT
1
8
9
Acknowledge output
(Active "L")
tAA
Start condition
SCL
(S-35710 input)
SDA
(Master device output)
SDA
(S-35710 output)
High-Z
Release SDA
High-Z
Figure 25 Acknowledge Output Timing


Similar Part No. - S-35710B01A-K8T2U

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-35710B01I-K8T2U ABLIC-S-35710B01I-K8T2U Datasheet
753Kb / 32P
PROGRAMMABLE WAKE-UP TIMER IC
Rev.1.1_00
More results

Similar Description - S-35710B01A-K8T2U

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL1240 BELLING-BL1240 Datasheet
148Kb / 5P
Low current consumption
logo
Rohm
BD7602GUL ROHM-BD7602GUL Datasheet
1Mb / 25P
Low current consumption
logo
RF Micro Devices
RFFC506X RFMD-RFFC506X Datasheet
4Mb / 25P
Low Current Consumption
logo
IK Semicon Co., Ltd
ILE4276 IKSEMICON-ILE4276 Datasheet
408Kb / 6P
Low consumption current
logo
Seiko Instruments Inc
S-5716ANDL0-M3T1U SII-S-5716ANDL0-M3T1U Datasheet
1Mb / 28P
LOW CURRENT CONSUMPTION
S-35720C01A-K8T2U SII-S-35720C01A-K8T2U Datasheet
1Mb / 21P
Low current consumption
logo
Anaren Microwave
A20737C ANAREN-A20737C Datasheet
674Kb / 2P
Low Current Consumption
logo
Abracon Corporation
ASDSERIES ABRACON-ASDSERIES Datasheet
884Kb / 4P
Low current consumption
01.19.15
logo
NIHON DEMPA KOGYO
NZ2016SHB NDK-NZ2016SHB_18 Datasheet
851Kb / 2P
Low current consumption Type
NZ2520SHB NDK-NZ2520SHB_18 Datasheet
833Kb / 2P
Low current consumption Type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com