Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-35710B01A-K8T2U Datasheet(PDF) 19 Page - Seiko Instruments Inc

Part # S-35710B01A-K8T2U
Description  Low current consumption
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-35710B01A-K8T2U Datasheet(HTML) 19 Page - Seiko Instruments Inc

Back Button S-35710B01A-K8T2U Datasheet HTML 15Page - Seiko Instruments Inc S-35710B01A-K8T2U Datasheet HTML 16Page - Seiko Instruments Inc S-35710B01A-K8T2U Datasheet HTML 17Page - Seiko Instruments Inc S-35710B01A-K8T2U Datasheet HTML 18Page - Seiko Instruments Inc S-35710B01A-K8T2U Datasheet HTML 19Page - Seiko Instruments Inc S-35710B01A-K8T2U Datasheet HTML 20Page - Seiko Instruments Inc S-35710B01A-K8T2U Datasheet HTML 21Page - Seiko Instruments Inc S-35710B01A-K8T2U Datasheet HTML 22Page - Seiko Instruments Inc S-35710B01A-K8T2U Datasheet HTML 23Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 33 page
background image
FOR AUTOMOTIVE 125°C OPERATION 2-WIRE CONVENIENCE TIMER
Rev.1.5_00
S-35710 Series
19
4. Data transmission format
After the start condition transmission, the 1st byte is a slave address and a command (read / write bit) that shows the
transmission direction of the data at the 2nd byte or subsequent bytes.
The slave address of the S-35710 Series is specified to "0110010". The data can be written to the wake-up time
register when read / write bit is "0", and the data of the wake-up time register or the time register can be read when
read / write bit is "1".
When the data can be written to the wake-up time register, input the data from the master device in order of B7 to B0.
The acknowledge ("L") is output from the S-35710 Series whenever a 1-byte data is input.
When the data of the wake-up time register or the time register can be read, the data from the S-35710 Series is
output in order of B7 to B0 in byte unit. Input the acknowledge ("L") from the master device whenever a 1-byte data is
input. However, do not input the acknowledge for the last data byte (NO_ACK). By this, the end of the data read is
informed.
After the master device receives / transmits the acknowledge for the last data byte, input the stop condition to the
S-35710 Series to finish the access operation.
When the master device inputs start condition without inputting stop condition at this time, the S-35710 Series
becomes restart condition, and can transmit / receive the data continuously if the master device inputs the slave
address continuously.
A
: Master device input data
: S-35710 output data
Slave address
Slave address
Slave address
Data
Data
Data
Data
A
A
A
A
0
B7
B1
B7
B0
B7
B0
B7
B0
B7
B0
SP
ST
A
Data
Data
Data
A
A
A
1
B7
B0
B7
B0
B7
B0
A
Data
Data
Data
Data
A
A
A
A
0
B7
B0
B7
B0
B7
B0
B7
B0
A
Slave address
Data
Data
Data
A
A
A
1
B7
B1 R/W B7
B0
B7
B0
B7
B0
SP
ST
ST
ST
B7
B1
B7
B1
SP
A
: Start condition
: Acknowledge
A A
: Stop condition
ST
SP
R/W
R/W
R/W
1
9
18
27
36
45
Data write
format
Data read
format
Restart format
SCL
SDA
SDA
SDA
Figure 26 Data Transmission Format of Serial Interface


Similar Part No. - S-35710B01A-K8T2U

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-35710B01I-K8T2U ABLIC-S-35710B01I-K8T2U Datasheet
753Kb / 32P
PROGRAMMABLE WAKE-UP TIMER IC
Rev.1.1_00
More results

Similar Description - S-35710B01A-K8T2U

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL1240 BELLING-BL1240 Datasheet
148Kb / 5P
Low current consumption
logo
Rohm
BD7602GUL ROHM-BD7602GUL Datasheet
1Mb / 25P
Low current consumption
logo
RF Micro Devices
RFFC506X RFMD-RFFC506X Datasheet
4Mb / 25P
Low Current Consumption
logo
IK Semicon Co., Ltd
ILE4276 IKSEMICON-ILE4276 Datasheet
408Kb / 6P
Low consumption current
logo
Seiko Instruments Inc
S-5716ANDL0-M3T1U SII-S-5716ANDL0-M3T1U Datasheet
1Mb / 28P
LOW CURRENT CONSUMPTION
S-35720C01A-K8T2U SII-S-35720C01A-K8T2U Datasheet
1Mb / 21P
Low current consumption
logo
Anaren Microwave
A20737C ANAREN-A20737C Datasheet
674Kb / 2P
Low Current Consumption
logo
Abracon Corporation
ASDSERIES ABRACON-ASDSERIES Datasheet
884Kb / 4P
Low current consumption
01.19.15
logo
NIHON DEMPA KOGYO
NZ2016SHB NDK-NZ2016SHB_18 Datasheet
851Kb / 2P
Low current consumption Type
NZ2520SHB NDK-NZ2520SHB_18 Datasheet
833Kb / 2P
Low current consumption Type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com