Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-35710B01A-K8T2U Datasheet(PDF) 20 Page - Seiko Instruments Inc

Part # S-35710B01A-K8T2U
Description  Low current consumption
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-35710B01A-K8T2U Datasheet(HTML) 20 Page - Seiko Instruments Inc

Back Button S-35710B01A-K8T2U Datasheet HTML 16Page - Seiko Instruments Inc S-35710B01A-K8T2U Datasheet HTML 17Page - Seiko Instruments Inc S-35710B01A-K8T2U Datasheet HTML 18Page - Seiko Instruments Inc S-35710B01A-K8T2U Datasheet HTML 19Page - Seiko Instruments Inc S-35710B01A-K8T2U Datasheet HTML 20Page - Seiko Instruments Inc S-35710B01A-K8T2U Datasheet HTML 21Page - Seiko Instruments Inc S-35710B01A-K8T2U Datasheet HTML 22Page - Seiko Instruments Inc S-35710B01A-K8T2U Datasheet HTML 23Page - Seiko Instruments Inc S-35710B01A-K8T2U Datasheet HTML 24Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 33 page
background image
FOR AUTOMOTIVE 125°C OPERATION 2-WIRE CONVENIENCE TIMER
S-35710 Series
Rev.1.5_00
20
5. Read operation of time register
Transmit the start condition and slave address from the master device. The slave address of the S-35710 Series is
specified to "0110010". Next, the data of the time register can be read when the read / write bit is "1".
The 2nd byte to the 4th byte are used as the time register. Each byte from B7 is transmitted.
When the read operation of the time register is finished, transmit "1" (NO_ACK) to the acknowledge after B0 is output
from the master device, and then transmit the stop condition.
The time register is a 3-byte register. "1" is read if the read operation is performed continuously after reading 3 bytes of
the time register. Regarding the time register, refer to " Configuration of Registers".
1
18
9
27
36
0
Slave address
(0110010)
Take in the counter value at this timing and transmit it as a serial data.
Input NO_ACK after the 3rd byte data is transmitted.
Time register (3-byte)
: Master device input data
: S-35710 output data
11
B7
00 1
1
0
B1 R/W
B7
B0
B7
B7
B0
B0
SCL
SDA
Figure 27 Read Timing of Time Register
6. Write operation of wake-up time register
Transmit the start condition and slave address from the master device. The slave address of the S-35710 Series is
specified to "0110010". Next, transmit "0" to the read / write bit.
Transmit the 2nd byte data. Set B7 to "1" since it is an address pointer. Set B6 to B1 to "0" or "1" since they are dummy
data. Make sure to set B0 to "1" since it is a test bit.
The 3rd byte to the 5th byte are used as the wake-up time register.
Transmit the stop condition from the master device to finish the access operation.
Regarding the wake-up time register, refer to " Configuration of Registers".
Write operation of the wake-up time register is performed each byte, so transmit the data in 3-byte unit. Note that the
S-35710 Series may not operate as desired if the the data is not transmitted in 3-byte unit.
1
9
18
27
36
45
SCL
WU[7:0]
Write timing
WU[15:8]
Write timing
WU[23:16]
Write timing
1
0
0
1
0
0
1
1
0
B1R/W
B7
B0
B7
B0
B7
B0
B7
B0
B7
1
SDA
Wake-up time register (3-byte)
Dummy data
*1
Slave address
(0110010)
Make sure to set B0 to "1" since it is a test bit.
Set B7 as an address pointer.
*1. Set B6 to B1 to "0" or "1" since they are dummy data.
: S-35710 output data
: Master device input data
Figure 28 Write Timing of Wake-up Time Register


Similar Part No. - S-35710B01A-K8T2U

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-35710B01I-K8T2U ABLIC-S-35710B01I-K8T2U Datasheet
753Kb / 32P
PROGRAMMABLE WAKE-UP TIMER IC
Rev.1.1_00
More results

Similar Description - S-35710B01A-K8T2U

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL1240 BELLING-BL1240 Datasheet
148Kb / 5P
Low current consumption
logo
Rohm
BD7602GUL ROHM-BD7602GUL Datasheet
1Mb / 25P
Low current consumption
logo
RF Micro Devices
RFFC506X RFMD-RFFC506X Datasheet
4Mb / 25P
Low Current Consumption
logo
IK Semicon Co., Ltd
ILE4276 IKSEMICON-ILE4276 Datasheet
408Kb / 6P
Low consumption current
logo
Seiko Instruments Inc
S-5716ANDL0-M3T1U SII-S-5716ANDL0-M3T1U Datasheet
1Mb / 28P
LOW CURRENT CONSUMPTION
S-35720C01A-K8T2U SII-S-35720C01A-K8T2U Datasheet
1Mb / 21P
Low current consumption
logo
Anaren Microwave
A20737C ANAREN-A20737C Datasheet
674Kb / 2P
Low Current Consumption
logo
Abracon Corporation
ASDSERIES ABRACON-ASDSERIES Datasheet
884Kb / 4P
Low current consumption
01.19.15
logo
NIHON DEMPA KOGYO
NZ2016SHB NDK-NZ2016SHB_18 Datasheet
851Kb / 2P
Low current consumption Type
NZ2520SHB NDK-NZ2520SHB_18 Datasheet
833Kb / 2P
Low current consumption Type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com