Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-35710B01A-K8T2U Datasheet(PDF) 25 Page - Seiko Instruments Inc

Part # S-35710B01A-K8T2U
Description  Low current consumption
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-35710B01A-K8T2U Datasheet(HTML) 25 Page - Seiko Instruments Inc

Back Button S-35710B01A-K8T2U Datasheet HTML 21Page - Seiko Instruments Inc S-35710B01A-K8T2U Datasheet HTML 22Page - Seiko Instruments Inc S-35710B01A-K8T2U Datasheet HTML 23Page - Seiko Instruments Inc S-35710B01A-K8T2U Datasheet HTML 24Page - Seiko Instruments Inc S-35710B01A-K8T2U Datasheet HTML 25Page - Seiko Instruments Inc S-35710B01A-K8T2U Datasheet HTML 26Page - Seiko Instruments Inc S-35710B01A-K8T2U Datasheet HTML 27Page - Seiko Instruments Inc S-35710B01A-K8T2U Datasheet HTML 28Page - Seiko Instruments Inc S-35710B01A-K8T2U Datasheet HTML 29Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 33 page
background image
FOR AUTOMOTIVE 125°C OPERATION 2-WIRE CONVENIENCE TIMER
Rev.1.5_00
S-35710 Series
25
RST
________
Pin
1. Chattering elimination
The RST
_______
pin has a built-in chattering elimination circuit, and the output logic is active "L".
Figure 34 is a timing chart of chattering elimination. Perform sampling at 8 Hz and operate the shift register circuit.
Perform the shift operation for 3 times, and reset the counter when DF1 to DF3 are all "L". During the charttering
elimination, the pulse width, 2 periods (approximately 0.25 seconds) of clock (8 Hz), can be eliminated. To determine
the RST
_______
pin "L" input, maintain the RST
_______
pin "L" input during the period longer than 3.5 periods (0.438 seconds) of
clock (8 Hz). Similarly, to determine the RST
_______
pin "H" input, maintain the RST
_______
pin "H" input during the period longer
than 3.5 periods (0.438 seconds) of clock (8 Hz).
Clock (8 Hz)
RST
________
pin input signal
Shift register_DF1
Shift register _DF2
Shift register _DF3
Reset signal after
chattering elimination
2 periods
3.5 periods
3.5 periods
Chattering elimination width
Count-up action starts
Counter reset
Figure 34 Timing Chart of Chattering Elimination
2. Operation at power-on
At power-on, the reset signal after chattering elimination is "L" regardless of the RST
_______
pin status. Consequently, the
S-35710 Series becomes initial status (Refer to "Figure 16 Status Transition Diagram of One-shot Loop
Time-out (Nch Open-drain Output)", "Figure 17 Status Transition Diagram of One-shot Loop Time-out (CMOS
Output)" and "Figure 20 Status Transition Diagram of Handshake Time-out (Nch Open-drain Output)",
"Figure 21 Status Transition Diagram of Handshake Time-out (CMOS Output)") and can not perform write
operation to the wake-up time register. When the reset signal after chattering elimination is "L", the no acknowledge is
output in the 2nd or subserquent bytes if write operation is performed to the wake-up time register.
If the crystal oscillation circuit starts to oscillate after power-on, the clock operates and the reset signal after chattering
elimination becomes "H", the S-35710 Series then migrates to read mode. This makes the write operation to the
wake-up time register possible. Figure 35 shows the timing chart at power-on.
The write-disable time period of the wake-up time register showed in Figure 35 changes according to the oscillation
start time. If the no acknowledge is output from the S-35710 Series at the time of write operation to the wake-up time
register immediately after power-on, it is recommended to set a time interval of approximately 0.5 seconds to 1 second
for the next communication until the oscillation is stabilized.
Clock (8 Hz)
Write-disable time period of wake-up time register
RST
________
pin input signal
Shift register_DF1
Shift register_DF2
Shift register_DF3
Reset signal after
chattering elimination
VDD
Migrate to read mode
Figure 35 Timing Chart at Power-on


Similar Part No. - S-35710B01A-K8T2U

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-35710B01I-K8T2U ABLIC-S-35710B01I-K8T2U Datasheet
753Kb / 32P
PROGRAMMABLE WAKE-UP TIMER IC
Rev.1.1_00
More results

Similar Description - S-35710B01A-K8T2U

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL1240 BELLING-BL1240 Datasheet
148Kb / 5P
Low current consumption
logo
Rohm
BD7602GUL ROHM-BD7602GUL Datasheet
1Mb / 25P
Low current consumption
logo
RF Micro Devices
RFFC506X RFMD-RFFC506X Datasheet
4Mb / 25P
Low Current Consumption
logo
IK Semicon Co., Ltd
ILE4276 IKSEMICON-ILE4276 Datasheet
408Kb / 6P
Low consumption current
logo
Seiko Instruments Inc
S-5716ANDL0-M3T1U SII-S-5716ANDL0-M3T1U Datasheet
1Mb / 28P
LOW CURRENT CONSUMPTION
S-35720C01A-K8T2U SII-S-35720C01A-K8T2U Datasheet
1Mb / 21P
Low current consumption
logo
Anaren Microwave
A20737C ANAREN-A20737C Datasheet
674Kb / 2P
Low Current Consumption
logo
Abracon Corporation
ASDSERIES ABRACON-ASDSERIES Datasheet
884Kb / 4P
Low current consumption
01.19.15
logo
NIHON DEMPA KOGYO
NZ2016SHB NDK-NZ2016SHB_18 Datasheet
851Kb / 2P
Low current consumption Type
NZ2520SHB NDK-NZ2520SHB_18 Datasheet
833Kb / 2P
Low current consumption Type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com