Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-35710B01A-K8T2U Datasheet(PDF) 5 Page - Seiko Instruments Inc

Part # S-35710B01A-K8T2U
Description  Low current consumption
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-35710B01A-K8T2U Datasheet(HTML) 5 Page - Seiko Instruments Inc

  S-35710B01A-K8T2U Datasheet HTML 1Page - Seiko Instruments Inc S-35710B01A-K8T2U Datasheet HTML 2Page - Seiko Instruments Inc S-35710B01A-K8T2U Datasheet HTML 3Page - Seiko Instruments Inc S-35710B01A-K8T2U Datasheet HTML 4Page - Seiko Instruments Inc S-35710B01A-K8T2U Datasheet HTML 5Page - Seiko Instruments Inc S-35710B01A-K8T2U Datasheet HTML 6Page - Seiko Instruments Inc S-35710B01A-K8T2U Datasheet HTML 7Page - Seiko Instruments Inc S-35710B01A-K8T2U Datasheet HTML 8Page - Seiko Instruments Inc S-35710B01A-K8T2U Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
FOR AUTOMOTIVE 125°C OPERATION 2-WIRE CONVENIENCE TIMER
Rev.1.5_00
S-35710 Series
5
Pin Functions
1. SDA (I/O for serial data) pin
This is a data input / output pin for I
2C-bus interface. The SDA pin inputs / outputs data by synchronizing with a clock
pulse from the SCL pin. This pin has CMOS input and Nch open-drain output. Generally in use, the SDA pin is pulled
up to VDD potential via a resistor, and is used with wired-OR connection of other device of Nch open-drain output or
open collector output.
2. SCL (Input for serial clock) pin
This is a clock input pin for I
2C-bus interface. The SDA pin inputs / outputs data by synchronizing with this clock.
3. RST
_______
(Input for reset signal) pin
This pin inputs the reset signal. The timer is reset when inputting "L" to the RST
_______
pin. The INT pin is set to "H" when
inputting "H" to the RST
_______
pin, and the timer starts the operation. The RST
_______
pin has a built-in chattering elimination
circuit. Regarding the chattering elimination circuit, refer to " RST
_______
Pin".
Also, the RST
_______
pin with / without a pull-up resistor can be selected.
4. INT (Output for interrupt signal) pin
This pin outputs an interrupt signal. The interrupt signal is output when the time written to the wake-up time register
comes. The interrupt signal output (time-out type) of one-shot loop time-out / handshake time-out can be selected as
the option. Regarding the operation of the interrupt signal output, refer to " INT Pin Interrupt Signal Output".
Also, the INT pin output form of Nch open-drain output / CMOS output can be selected.
5. XIN, XOUT (Connection for crystal oscillator) pins
Connect a crystal oscillator between the XIN pin and the XOUT pin.
6. VDD (Positive power supply) pin
Connect this pin with a positive power supply. Regarding the values of voltage to be applied, refer to
" Recommended Operation Conditions".
7. VSS pin
Connect this pin to GND.


Similar Part No. - S-35710B01A-K8T2U

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-35710B01I-K8T2U ABLIC-S-35710B01I-K8T2U Datasheet
753Kb / 32P
   PROGRAMMABLE WAKE-UP TIMER IC
Rev.1.1_00
More results

Similar Description - S-35710B01A-K8T2U

ManufacturerPart #DatasheetDescription
logo
Rohm
BD7602GUL ROHM-BD7602GUL Datasheet
1Mb / 25P
   Low current consumption
logo
Seiko Instruments Inc
S-5716ANDL0-M3T1U SII-S-5716ANDL0-M3T1U Datasheet
1Mb / 28P
   LOW CURRENT CONSUMPTION
logo
SHANGHAI BELLING CO., L...
BL1240 BELLING-BL1240 Datasheet
148Kb / 5P
   Low current consumption
logo
IK Semicon Co., Ltd
ILE4276 IKSEMICON-ILE4276 Datasheet
408Kb / 6P
   Low consumption current
logo
RF Micro Devices
RFFC506X RFMD-RFFC506X Datasheet
4Mb / 25P
   Low Current Consumption
logo
Abracon Corporation
ASDSERIES ABRACON-ASDSERIES Datasheet
884Kb / 4P
   Low current consumption
01.19.15
logo
Anaren Microwave
A20737C ANAREN-A20737C Datasheet
674Kb / 2P
   Low Current Consumption
logo
Seiko Instruments Inc
S-35720C01A-K8T2U SII-S-35720C01A-K8T2U Datasheet
1Mb / 21P
   Low current consumption
logo
NIHON DEMPA KOGYO
NZ2520SHB NDK-NZ2520SHB_18 Datasheet
833Kb / 2P
   Low current consumption Type
NZ2016SHB NDK-NZ2016SHB_18 Datasheet
851Kb / 2P
   Low current consumption Type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com