Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-35710B01A-K8T2U Datasheet(PDF) 8 Page - Seiko Instruments Inc

Part # S-35710B01A-K8T2U
Description  Low current consumption
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-35710B01A-K8T2U Datasheet(HTML) 8 Page - Seiko Instruments Inc

Back Button S-35710B01A-K8T2U Datasheet HTML 4Page - Seiko Instruments Inc S-35710B01A-K8T2U Datasheet HTML 5Page - Seiko Instruments Inc S-35710B01A-K8T2U Datasheet HTML 6Page - Seiko Instruments Inc S-35710B01A-K8T2U Datasheet HTML 7Page - Seiko Instruments Inc S-35710B01A-K8T2U Datasheet HTML 8Page - Seiko Instruments Inc S-35710B01A-K8T2U Datasheet HTML 9Page - Seiko Instruments Inc S-35710B01A-K8T2U Datasheet HTML 10Page - Seiko Instruments Inc S-35710B01A-K8T2U Datasheet HTML 11Page - Seiko Instruments Inc S-35710B01A-K8T2U Datasheet HTML 12Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
FOR AUTOMOTIVE 125°C OPERATION 2-WIRE CONVENIENCE TIMER
S-35710 Series
Rev.1.5_00
8
DC Electrical Characteristics
Table 7
(Ta =
−40°C to +125°C, VSS = 0 V unless otherwise specified)
(Crystal oscillator (NX3215SA, CL = 6.0 pF) manufactured by Nihon Dempa Kogyo Co., Ltd.)
Item
Symbol
Applied Pin
Condition
Min.
Typ.
Max.
Unit
Current
consumption 1
IDD1
VDD = 3.0 V,
Ta =
−40°C to +85°C,
Out of communication,
RST
_______
pin = VDD,
INT pin = no load
0.2
0.35
μA
VDD = 3.0 V,
Ta =
+125°C,
Out of communication,
RST
_______
pin = VDD,
INT pin = no load
0.7
0.95
μA
Current
consumption 2
IDD2
VDD = 3.0 V,
fSCL = 1 MHz,
During communication,
RST
_______
pin = VDD,
INT pin = no load
170
300
μA
High level input
leakage current
IIZH
SDA, SCL, RST
_______
VIN = VDD
−0.5
0.5
μA
Low level input
leakage current
IIZL
SDA, SCL, RST
_______
*1
VIN = VSS
−0.5
0.5
μA
High level output
leakage current
IOZH
SDA, INT
*2
VOUT = VDD
−0.5
0.5
μA
Low level output
leakage current
IOZL
SDA, INT
*2
VOUT = VSS
−0.5
0.5
μA
High level input
voltage
VIH
SDA, SCL, RST
_______
0.7
× VDD
VSS
+ 5.5
V
Low level input
voltage
VIL
SDA, SCL, RST
_______
VSS
− 0.3
0.3
× VDD
V
High level output
voltage
*3
VOH
INT
IOH =
−0.4 mA
0.8
× VDD
V
Low level output
voltage
VOL
SDA, INT
IOL = 2.0 mA
0.4
V
Low level input
current
*4
IIL
RST
_______
VDD = 3.0 V,
VIN = VSS
−100
−30
−5
μA
*1. When the product without a pull-up resistor is selected.
*2. When Nch open-drain output is selected.
*3. When CMOS output is selected.
*4. When the product with a pull-up resistor is selected.


Similar Part No. - S-35710B01A-K8T2U

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-35710B01I-K8T2U ABLIC-S-35710B01I-K8T2U Datasheet
753Kb / 32P
   PROGRAMMABLE WAKE-UP TIMER IC
Rev.1.1_00
More results

Similar Description - S-35710B01A-K8T2U

ManufacturerPart #DatasheetDescription
logo
Rohm
BD7602GUL ROHM-BD7602GUL Datasheet
1Mb / 25P
   Low current consumption
logo
Seiko Instruments Inc
S-5716ANDL0-M3T1U SII-S-5716ANDL0-M3T1U Datasheet
1Mb / 28P
   LOW CURRENT CONSUMPTION
logo
SHANGHAI BELLING CO., L...
BL1240 BELLING-BL1240 Datasheet
148Kb / 5P
   Low current consumption
logo
IK Semicon Co., Ltd
ILE4276 IKSEMICON-ILE4276 Datasheet
408Kb / 6P
   Low consumption current
logo
RF Micro Devices
RFFC506X RFMD-RFFC506X Datasheet
4Mb / 25P
   Low Current Consumption
logo
Abracon Corporation
ASDSERIES ABRACON-ASDSERIES Datasheet
884Kb / 4P
   Low current consumption
01.19.15
logo
Anaren Microwave
A20737C ANAREN-A20737C Datasheet
674Kb / 2P
   Low Current Consumption
logo
Seiko Instruments Inc
S-35720C01A-K8T2U SII-S-35720C01A-K8T2U Datasheet
1Mb / 21P
   Low current consumption
logo
NIHON DEMPA KOGYO
NZ2520SHB NDK-NZ2520SHB_18 Datasheet
833Kb / 2P
   Low current consumption Type
NZ2016SHB NDK-NZ2016SHB_18 Datasheet
851Kb / 2P
   Low current consumption Type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com