Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-35710B01A-K8T2U Datasheet(PDF) 1 Page - Seiko Instruments Inc

Part # S-35710B01A-K8T2U
Description  Low current consumption
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-35710B01A-K8T2U Datasheet(HTML) 1 Page - Seiko Instruments Inc

  S-35710B01A-K8T2U Datasheet HTML 1Page - Seiko Instruments Inc S-35710B01A-K8T2U Datasheet HTML 2Page - Seiko Instruments Inc S-35710B01A-K8T2U Datasheet HTML 3Page - Seiko Instruments Inc S-35710B01A-K8T2U Datasheet HTML 4Page - Seiko Instruments Inc S-35710B01A-K8T2U Datasheet HTML 5Page - Seiko Instruments Inc S-35710B01A-K8T2U Datasheet HTML 6Page - Seiko Instruments Inc S-35710B01A-K8T2U Datasheet HTML 7Page - Seiko Instruments Inc S-35710B01A-K8T2U Datasheet HTML 8Page - Seiko Instruments Inc S-35710B01A-K8T2U Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
S-35710 Series
www.sii-ic.com
FOR AUTOMOTIVE 125°C OPERATION 2-WIRE
CONVENIENCE TIMER
© SII Semiconductor Corporation, 2014-2016
Rev.1.5_00
1
The convenience timer is a CMOS timer IC which operates with low current consumption, and is suitable for the time
management of the relative time.
The S-35710 Series compares the timer value and the value written to the internal register, and outputs an interrupt signal
when the values match each other.
The timer is a 24-bit binary-up counter.
The internal register data can be set freely by users via a 2-wire serial interface. Consequently, the time before the occurrence
of an interrupt signal can be set freely.
Caution This product can be used in vehicle equipment and in-vehicle equipment. Before using the product in the
purpose, contact to SII Semiconductor Corporation is indispensable.
Features
• Alarm interrupt function:
Settable on the second time scale from 1 second to 194 days
(Approximately half a year)
• Low current consumption:
0.2
μA typ. (Crystal oscillator: CL = 6.0 pF, VDD = 3.0 V, Ta = +25°C)
• Wide range of operation voltage:
1.8 V to 5.5 V
• 2-wire (I
2C-bus) CPU interface
• Built-in 32.768 kHz crystal oscillation circuit
• Operation temperature range:
Ta =
−40°C to +125°C
• Lead-free (Sn 100%), halogen-free
• AEC-Q100 qualified
*1
*1. Contact our sales office for details.
Application
• Time management of various systems during the sleep period
Package
• TMSOP-8


Similar Part No. - S-35710B01A-K8T2U

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-35710B01I-K8T2U ABLIC-S-35710B01I-K8T2U Datasheet
753Kb / 32P
   PROGRAMMABLE WAKE-UP TIMER IC
Rev.1.1_00
More results

Similar Description - S-35710B01A-K8T2U

ManufacturerPart #DatasheetDescription
logo
Rohm
BD7602GUL ROHM-BD7602GUL Datasheet
1Mb / 25P
   Low current consumption
logo
Seiko Instruments Inc
S-5716ANDL0-M3T1U SII-S-5716ANDL0-M3T1U Datasheet
1Mb / 28P
   LOW CURRENT CONSUMPTION
logo
SHANGHAI BELLING CO., L...
BL1240 BELLING-BL1240 Datasheet
148Kb / 5P
   Low current consumption
logo
IK Semicon Co., Ltd
ILE4276 IKSEMICON-ILE4276 Datasheet
408Kb / 6P
   Low consumption current
logo
RF Micro Devices
RFFC506X RFMD-RFFC506X Datasheet
4Mb / 25P
   Low Current Consumption
logo
Abracon Corporation
ASDSERIES ABRACON-ASDSERIES Datasheet
884Kb / 4P
   Low current consumption
01.19.15
logo
Anaren Microwave
A20737C ANAREN-A20737C Datasheet
674Kb / 2P
   Low Current Consumption
logo
Seiko Instruments Inc
S-35720C01A-K8T2U SII-S-35720C01A-K8T2U Datasheet
1Mb / 21P
   Low current consumption
logo
NIHON DEMPA KOGYO
NZ2520SHB NDK-NZ2520SHB_18 Datasheet
833Kb / 2P
   Low current consumption Type
NZ2016SHB NDK-NZ2016SHB_18 Datasheet
851Kb / 2P
   Low current consumption Type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com