Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-35710B01A-K8T2U Datasheet(PDF) 11 Page - Seiko Instruments Inc

Part # S-35710B01A-K8T2U
Description  Low current consumption
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-35710B01A-K8T2U Datasheet(HTML) 11 Page - Seiko Instruments Inc

Back Button S-35710B01A-K8T2U Datasheet HTML 7Page - Seiko Instruments Inc S-35710B01A-K8T2U Datasheet HTML 8Page - Seiko Instruments Inc S-35710B01A-K8T2U Datasheet HTML 9Page - Seiko Instruments Inc S-35710B01A-K8T2U Datasheet HTML 10Page - Seiko Instruments Inc S-35710B01A-K8T2U Datasheet HTML 11Page - Seiko Instruments Inc S-35710B01A-K8T2U Datasheet HTML 12Page - Seiko Instruments Inc S-35710B01A-K8T2U Datasheet HTML 13Page - Seiko Instruments Inc S-35710B01A-K8T2U Datasheet HTML 14Page - Seiko Instruments Inc S-35710B01A-K8T2U Datasheet HTML 15Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
FOR AUTOMOTIVE 125°C OPERATION 2-WIRE CONVENIENCE TIMER
Rev.1.5_00
S-35710 Series
11
INT Pin Interrupt Signal Output
The INT pin interrupt signal output (time-out type) can be selected from either of the following:
• One-shot loop time-out
• Handshake time-out
1. One-shot loop time-out
One-shot loop time-out is a type to output "L" pulse interrupt signal repeatedly from the INT pin.
After the RST
_______
pin changes from "L" to "H", the timer starts the operation. Then, the INT pin outputs "L" pulse when
the timer value matches the value written to the wake-up time register. After that, the S-35710 Series resets the timer
automatically, and restarts a count-up action.
Remark The above description is the example of Nch open-drain output product.
In CMOS output product, the INT pin output is the inverse logic of Nch open-drain output product.
1. 1 Write mode
If write operation is performed to the wake-up time register during the count-up action, the action will be restarted
after resetting the timer. This operation is called "write mode".
If "L" is input to the RST
_______
pin before the timer value matches the value written to the wake-up time register, the timer
and the wake-up time register are reset.
RST
Timer
Wake-up time
register
INT
7.8 ms
2s
1 s
7.8 ms
2 s
7.8 ms
1s
1s
7.8 ms
"2 h"
"0 h"
"1 h""0 h"
"1 h"
"0 h"
"2 h"
"2 h"
"1 h""0 h"
"0 h"
"1 h"
"1 h"
"0 h"
"1 h"
"0 h"
"000000 h"
"000001 h"
"000002 h"
"000000 h"
INT pin performs the one-shot output periodically
Count-up action starts Timer is reset and
count-up action
restarts
Timer and wake-up time register
are reset
Timer and wake-up time register
are reset
Timer is reset and
count-up action restarts
Count-up action
starts
Figure 12 Output Timing of One-shot Loop Time-out (Nch Open-drain Output)
RST
Timer
Wake-up time
register
7.8 ms
2s
1 s
7.8 ms
2 s
7.8 ms
1s
1s
7.8 ms
"2 h"
"0 h"
"1 h""0 h"
"1 h"
"0 h"
"2 h"
"2 h"
"1 h""0 h"
"0 h"
"1 h"
"1 h"
"0 h"
"1 h"
"0 h"
"000000 h"
"000001 h"
"000002 h"
"000000 h"
INT pin performs the one-shot output periodically
Timer is reset
and count-up action
restarts
INT
Timer and wake-up time register
are reset
Timer and wake-up time register
are reset
Timer is reset
and count-up action
restarts
Count-up action
starts
Count-up action starts
Figure 13 Output Timing of One-shot Loop Time-out (CMOS Output)


Similar Part No. - S-35710B01A-K8T2U

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-35710B01I-K8T2U ABLIC-S-35710B01I-K8T2U Datasheet
753Kb / 32P
   PROGRAMMABLE WAKE-UP TIMER IC
Rev.1.1_00
More results

Similar Description - S-35710B01A-K8T2U

ManufacturerPart #DatasheetDescription
logo
Rohm
BD7602GUL ROHM-BD7602GUL Datasheet
1Mb / 25P
   Low current consumption
logo
Seiko Instruments Inc
S-5716ANDL0-M3T1U SII-S-5716ANDL0-M3T1U Datasheet
1Mb / 28P
   LOW CURRENT CONSUMPTION
logo
SHANGHAI BELLING CO., L...
BL1240 BELLING-BL1240 Datasheet
148Kb / 5P
   Low current consumption
logo
IK Semicon Co., Ltd
ILE4276 IKSEMICON-ILE4276 Datasheet
408Kb / 6P
   Low consumption current
logo
RF Micro Devices
RFFC506X RFMD-RFFC506X Datasheet
4Mb / 25P
   Low Current Consumption
logo
Abracon Corporation
ASDSERIES ABRACON-ASDSERIES Datasheet
884Kb / 4P
   Low current consumption
01.19.15
logo
Anaren Microwave
A20737C ANAREN-A20737C Datasheet
674Kb / 2P
   Low Current Consumption
logo
Seiko Instruments Inc
S-35720C01A-K8T2U SII-S-35720C01A-K8T2U Datasheet
1Mb / 21P
   Low current consumption
logo
NIHON DEMPA KOGYO
NZ2520SHB NDK-NZ2520SHB_18 Datasheet
833Kb / 2P
   Low current consumption Type
NZ2016SHB NDK-NZ2016SHB_18 Datasheet
851Kb / 2P
   Low current consumption Type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com