Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-35710B01A-K8T2U Datasheet(PDF) 13 Page - Seiko Instruments Inc

Part # S-35710B01A-K8T2U
Description  Low current consumption
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-35710B01A-K8T2U Datasheet(HTML) 13 Page - Seiko Instruments Inc

Back Button S-35710B01A-K8T2U Datasheet HTML 9Page - Seiko Instruments Inc S-35710B01A-K8T2U Datasheet HTML 10Page - Seiko Instruments Inc S-35710B01A-K8T2U Datasheet HTML 11Page - Seiko Instruments Inc S-35710B01A-K8T2U Datasheet HTML 12Page - Seiko Instruments Inc S-35710B01A-K8T2U Datasheet HTML 13Page - Seiko Instruments Inc S-35710B01A-K8T2U Datasheet HTML 14Page - Seiko Instruments Inc S-35710B01A-K8T2U Datasheet HTML 15Page - Seiko Instruments Inc S-35710B01A-K8T2U Datasheet HTML 16Page - Seiko Instruments Inc S-35710B01A-K8T2U Datasheet HTML 17Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
FOR AUTOMOTIVE 125°C OPERATION 2-WIRE CONVENIENCE TIMER
Rev.1.5_00
S-35710 Series
13
Figure 16 and Figure 17 show the status transition diagram about the one-shot loop time-out operation.
Count up every
second
Timing status
INT pin = "H"
Timing stop status
INT pin = "H"
Timing status
INT pin = "H"
Initial status
Wake-up time register = "0 h"
Timer = "0 h"
INT pin = "H"
Timer reset
Timer = "0 h"
INT pin = "H"
Remark Write: Wake-up time register write command
Read: Time register read command
Read mode
Write mode
Write
Write
Write
Read
Read
Read
Power-on
RST pin = "L"
RST pin = "H"
Count up every
second
RST pin = "L"
RST pin = "L"
RST pin = "L"
Write
Read
RST pin = "L"
Timer = "FFFFFF h"
Timer
= Wake-up time register
Automatic
migration
Automatic
migration
Timing stop status
INT pin = "L" pulse
Figure 16 Status Transition Diagram of One-shot Loop Time-out (Nch Open-drain Output)
Count up every
second
Timing status
INT pin = "L"
Timing stop status
INT pin = "L"
Timing status
INT pin = "L"
Initial status
Wake-up time register = "0 h"
Timer = "0 h"
INT pin = "L"
Timer reset
Timer = "0 h"
INT pin = "L"
Remark Write: Wake-up time register write command
Read: Time register read command
Read mode
Write mode
Write
Write
Write
Read
Read
Read
Power-on
RST pin = "L"
RST pin = "H"
Count up every
second
RST pin = "L"
RST pin = "L"
RST pin = "L"
Write
Read
RST pin = "L"
Timer = "FFFFFF h"
Timer
= Wake-up time register
Automatic
migration
Automatic
migration
Timing stop status
INT pin = "H" pulse
Figure 17 Status Transition Diagram of One-shot Loop Time-out (CMOS Output)


Similar Part No. - S-35710B01A-K8T2U

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-35710B01I-K8T2U ABLIC-S-35710B01I-K8T2U Datasheet
753Kb / 32P
   PROGRAMMABLE WAKE-UP TIMER IC
Rev.1.1_00
More results

Similar Description - S-35710B01A-K8T2U

ManufacturerPart #DatasheetDescription
logo
Rohm
BD7602GUL ROHM-BD7602GUL Datasheet
1Mb / 25P
   Low current consumption
logo
Seiko Instruments Inc
S-5716ANDL0-M3T1U SII-S-5716ANDL0-M3T1U Datasheet
1Mb / 28P
   LOW CURRENT CONSUMPTION
logo
SHANGHAI BELLING CO., L...
BL1240 BELLING-BL1240 Datasheet
148Kb / 5P
   Low current consumption
logo
IK Semicon Co., Ltd
ILE4276 IKSEMICON-ILE4276 Datasheet
408Kb / 6P
   Low consumption current
logo
RF Micro Devices
RFFC506X RFMD-RFFC506X Datasheet
4Mb / 25P
   Low Current Consumption
logo
Abracon Corporation
ASDSERIES ABRACON-ASDSERIES Datasheet
884Kb / 4P
   Low current consumption
01.19.15
logo
Anaren Microwave
A20737C ANAREN-A20737C Datasheet
674Kb / 2P
   Low Current Consumption
logo
Seiko Instruments Inc
S-35720C01A-K8T2U SII-S-35720C01A-K8T2U Datasheet
1Mb / 21P
   Low current consumption
logo
NIHON DEMPA KOGYO
NZ2520SHB NDK-NZ2520SHB_18 Datasheet
833Kb / 2P
   Low current consumption Type
NZ2016SHB NDK-NZ2016SHB_18 Datasheet
851Kb / 2P
   Low current consumption Type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com