Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMR3001 Datasheet(PDF) 3 Page - American Electronic Components, inc

Part # AMR3001
Description  AMR Angle Sensor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEC [American Electronic Components, inc]
Direct Link  http://www.aecsensors.com/html/
Logo AEC - American Electronic Components, inc

AMR3001 Datasheet(HTML) 3 Page - American Electronic Components, inc

  AMR3001 Datasheet HTML 1Page - American Electronic Components, inc AMR3001 Datasheet HTML 2Page - American Electronic Components, inc AMR3001 Datasheet HTML 3Page - American Electronic Components, inc AMR3001 Datasheet HTML 4Page - American Electronic Components, inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
AMRAngle Sensor
AMR3001
Multidimension Technology co. Ltd.
3 of 4
www.dowaytech.com
MDT AMR3001
No.7 Guangdong Road, Zhangjiagang Free Trade Zone, Jiangsu, 215634, P.R.China
Ver. A
B=200GS
Operating
Temperature
TA
Operating
-40
125
ºC
hysteresis output voltage
Vo(hys)
TJ=25℃
1
%FS
amplitude synchronism
k
0~180°,TJ=25℃
B=200GS
99.8
%
Temperature coefficient of
amplitude synchronism
TCk
TJ=-40℃~125℃
B=200GS
0.05
%K
Notes:
(1)
1 Oe (Oersted) = 1 Gauss in air = 0.1 millitesla = 79.8 A/m.
(2)
Custom sensor resistance may be available upon request.
Please contact Multi-Dimension Technology for more details.
(3)
Offset voltage=(Vo(max)-Vo(min))/2
(4)
Peak voltage=|Vo(max)-offset|, Periodicity of
Vpeask: sin(2ɑ) and cos(2ɑ), respectively.
Characteristic
Curves


Similar Part No. - AMR3001

ManufacturerPart #DatasheetDescription
logo
MultiDimension Technolo...
AMR3003 MULTIDIMENSION-AMR3003 Datasheet
664Kb / 8P
   Dual Axis AMR Magnetic Angle Sensor
Version 2.0.1
AMR3003D MULTIDIMENSION-AMR3003D Datasheet
664Kb / 8P
   Dual Axis AMR Magnetic Angle Sensor
Version 2.0.1
AMR3003LG MULTIDIMENSION-AMR3003LG Datasheet
664Kb / 8P
   Dual Axis AMR Magnetic Angle Sensor
Version 2.0.1
AMR3005 MULTIDIMENSION-AMR3005 Datasheet
796Kb / 5P
   AMR3005
AMR3008 MULTIDIMENSION-AMR3008 Datasheet
665Kb / 8P
   Dual Axis AMR Magnetic Angle Sensor
Version 2.0.1
More results

Similar Description - AMR3001

ManufacturerPart #DatasheetDescription
logo
MultiDimension Technolo...
AMR3013P MULTIDIMENSION-AMR3013P Datasheet
643Kb / 4P
   AMR3013P AMR Angle Sensor
Ver. 1.2
AMR3008 MULTIDIMENSION-AMR3008 Datasheet
665Kb / 8P
   Dual Axis AMR Magnetic Angle Sensor
Version 2.0.1
AMR3003 MULTIDIMENSION-AMR3003 Datasheet
664Kb / 8P
   Dual Axis AMR Magnetic Angle Sensor
Version 2.0.1
logo
Analog Devices
ADA4571-2 AD-ADA4571-2 Datasheet
258Kb / 13P
   Integrated AMR Angle Sensor and Signal Conditioner
logo
TE Connectivity Ltd
MS32 TEC-MS32 Datasheet
287Kb / 6P
   AMR Switching-Sensor
logo
IC-Haus GmbH
IC-SM5L ICHAUS-IC-SM5L_14 Datasheet
330Kb / 7P
   LINEAR AMR SENSOR
IC-SM2L ICHAUS-IC-SM2L_14 Datasheet
439Kb / 8P
   LINEAR AMR SENSOR
logo
Analog Devices
ADA4571 AD-ADA4571 Datasheet
576Kb / 21P
   Integrated AMR Angle Sensor and Signal Conditioner
REV. 0
logo
TE Connectivity Ltd
KMT36H TEC-KMT36H Datasheet
221Kb / 7P
   AMR Sensor with 360째 capability
logo
IC-Haus GmbH
IC-SM5L ICHAUS-IC-SM5L Datasheet
135Kb / 5P
   LINEAR AMR SENSOR (5 mm)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com