Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC587LC4B Datasheet(PDF) 4 Page - Analog Devices

Part # HMC587LC4B
Description  Wide Tuning Bandwidth
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC587LC4B Datasheet(HTML) 4 Page - Analog Devices

  HMC587LC4B Datasheet HTML 1Page - Analog Devices HMC587LC4B Datasheet HTML 2Page - Analog Devices HMC587LC4B Datasheet HTML 3Page - Analog Devices HMC587LC4B Datasheet HTML 4Page - Analog Devices HMC587LC4B Datasheet HTML 5Page - Analog Devices HMC587LC4B Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
4
HMC587LC4B
v03.0514
WIDEBAND MMIC VCO w/ BUFFER
AMPLIFIER, 5 - 10 GHz
Pin Number
Function
Description
Interface Schematic
1 - 3, 5 - 11,
13, 17 - 24
N/C
No Connection. These pins may be connected to RF/DC
ground. Performance will not be affected.
4
Vtune
Control Voltage and Modulation Input. Modulation
bandwidth dependent on drive source impedance. See
“Determining the FM Bandwidth of a Wideband Varactor
Tuned VCO” application note.
12
Vcc
Supply Voltage Vcc= +5V
14, 16
GND
Package bottom has an exposed metal paddle that
must also be RF & DC grounded.
15
RFOUT
RF output (AC coupled)
Pin Descriptions
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D


Similar Part No. - HMC587LC4B

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC587LC4B HITTITE-HMC587LC4B Datasheet
222Kb / 6P
   WIDEBAND MMIC VCO w/ BUFFER AMPLIFIER, 5 - 10 GHz
HMC587LC4B HITTITE-HMC587LC4B Datasheet
156Kb / 4P
   WIDEBAND MMIC VCO w/ BUFFER AMPLIFIER, 5 - 10 GHz
HMC587LC4B HITTITE-HMC587LC4B_10 Datasheet
156Kb / 4P
   WIDEBAND MMIC VCO w/ BUFFER AMPLIFIER, 5 - 10 GHz
More results

Similar Description - HMC587LC4B

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAOC-409000 MA-COM-MAOC-409000 Datasheet
632Kb / 5P
   Octave Tuning Bandwidth
logo
Xtaltq Technologies Co....
XVCO55BE-0400-0800 XTALTQ-XVCO55BE-0400-0800 Datasheet
426Kb / 3P
   Wide Tuning Range
logo
SYNERGY MICROWAVE CORPO...
KBK-746S SYNERGY-KBK-746S Datasheet
372Kb / 3P
   wide bandwidth
logo
M.S. Kennedy Corporatio...
MSK738 MSK-MSK738_15 Datasheet
421Kb / 5P
   Wide Bandwidth
logo
Micross Components
HMC361 MICROSS-HMC361 Datasheet
836Kb / 9P
   Wide Bandwidth
HMC363 MICROSS-HMC363 Datasheet
847Kb / 9P
   Wide Bandwidth
logo
Mini-Circuits
K1-ADTL MINI-K1-ADTL Datasheet
263Kb / 1P
   Very wide bandwidth
logo
Communications & Power ...
VKC7980 CPI-VKC7980 Datasheet
616Kb / 2P
   Wide Bandwidth Series
logo
Analog Devices
ADG799G AD-ADG799G_15 Datasheet
574Kb / 24P
   Compatible, Wide Bandwidth
REV. 0
logo
Keysight Technologies
86100D-200 KEYSIGHT-86100D-200 Datasheet
3Mb / 37P
   Wide-Bandwidth Oscilloscope
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com