Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB91F577CHSPMC Datasheet(PDF) 117 Page - Cypress Semiconductor

Part # MB91F577CHSPMC
Description  32-bit RISC, load/store architecture, 5-stage pipeline
PDF  163 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F577CHSPMC Datasheet(HTML) 117 Page - Cypress Semiconductor

Back Button MB91F577CHSPMC Datasheet HTML 113Page - Cypress Semiconductor MB91F577CHSPMC Datasheet HTML 114Page - Cypress Semiconductor MB91F577CHSPMC Datasheet HTML 115Page - Cypress Semiconductor MB91F577CHSPMC Datasheet HTML 116Page - Cypress Semiconductor MB91F577CHSPMC Datasheet HTML 117Page - Cypress Semiconductor MB91F577CHSPMC Datasheet HTML 118Page - Cypress Semiconductor MB91F577CHSPMC Datasheet HTML 119Page - Cypress Semiconductor MB91F577CHSPMC Datasheet HTML 120Page - Cypress Semiconductor MB91F577CHSPMC Datasheet HTML 121Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 163 page
background image
Document Number: 002-04725 Rev.*A
Page 117 of 163
MB91570 Series
Guaranteed operation range
Internal operation clock frequency vs. Power supply voltage
Note: The CPU will be reset at the power supply voltage 4V±0.3V or less.
Oscillation clock frequency vs. Internal operation clock frequency
Internal operation clock frequency
Main Clock
PLL clock
Multiplied
by 1
Multiplied
by 2
Multiplied
by 3
Multiplied
by 4
...
Multiplied
by 19
Multiplied
by 20
Oscillation
clock frequency
4MHz
2MHz
4MHz
8MHz
12MHz
16MHz
...
76MHz
80MHz
Example of oscillation circuit
Note:
As to the product with its clock supervisor’s initial value is ”ON”, when the oscillator is unable to start within 20ms from the
stop state the clock supervisor will detect the oscillation stop. As a result, the CPU moves to the fail safe operation.
Design your printed circuit board so that the oscillator can start oscillation within 20ms.
X1
X0
R=0
C2=10pF
C1=10pF
4MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com