Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB91F577CHSPMC Datasheet(PDF) 145 Page - Cypress Semiconductor

Part # MB91F577CHSPMC
Description  32-bit RISC, load/store architecture, 5-stage pipeline
PDF  163 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F577CHSPMC Datasheet(HTML) 145 Page - Cypress Semiconductor

Back Button MB91F577CHSPMC Datasheet HTML 141Page - Cypress Semiconductor MB91F577CHSPMC Datasheet HTML 142Page - Cypress Semiconductor MB91F577CHSPMC Datasheet HTML 143Page - Cypress Semiconductor MB91F577CHSPMC Datasheet HTML 144Page - Cypress Semiconductor MB91F577CHSPMC Datasheet HTML 145Page - Cypress Semiconductor MB91F577CHSPMC Datasheet HTML 146Page - Cypress Semiconductor MB91F577CHSPMC Datasheet HTML 147Page - Cypress Semiconductor MB91F577CHSPMC Datasheet HTML 148Page - Cypress Semiconductor MB91F577CHSPMC Datasheet HTML 149Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 163 page
background image
Document Number: 002-04725 Rev.*A
Page 145 of 163
MB91570 Series
13.4.15 External bus I/F (Asynchronous mode) timing
(TA: Recommended operating conditions, VCC5 = VCCE = AVCC = 5.0V±10%, VSS = AVSS = 0.0V)
(External load capacitance 50pF)
Parameter
Symbol
Pin name
Value
Unit
Remarks
Min
Max
Cycle time
tCYC
SYSCLK
25
–
ns
Address setup
→ RDX↑time
tASRH
RDX,
A00 to A21
2 ×tCYC – 12
2 ×tCYC + 12
ns
RWT=1,
Set RWT to “1” or more. *
RDX ↑→
Address hold
tRHAH
tCYC – 12
tCYC + 12
ns
Set RDCS to “1” or more.
Data setup →
RDX↑time
tDSRH
RDX,
D16 to D31
18 +
tCYC
–
ns
RWT=1,
Set RWT to “1” or more.
RDX ↑ → Data hold
tRHDH
0
–
ns
Address setup
→ WRnX↑time
tASWH
WR0X to
WR1X,
A00 to A21
tCYC – 12
tCYC + 12
ns
WWT=0 *
WRnX ↑→
Address hold
tWHAH
tCYC – 12
tCYC + 12
ns
Set WRCS to “1” or more.
Data setup →
WRnX ↑ time
tDSWH
WR0X to
WR1X,
D16 to D31
tCYC – 16
tCYC + 16
ns
WWT=0 *
WRnX ↑→ Data hold
tWHDH
tCYC – 16
tCYC + 16
ns
Set WRCS to “1” or more.
Address setup
→ ASX↑time
tMASASH
ASX,
D16 to D31
tCYC – 16
tCYC + 16
ns
ASCY=0
ASX ↑→
Address hold
tMASHAH
tCYC – 16
tCYC + 16
ns
In multiplex mode, set as follows:
Set CSWR and CSRD to
2 or more.
ASCY must satisfy the following
conditions because of setting
ADCY>ASCY and protocol violation
prevention.
ADCY +
1 ≤ ACS + CSRD
ADCY + 1 ≤ ACS + CSWR
ASCY + 1 ≤ ACS + CSRD
ASCY + 1 ≤ ACS + CSWR
Refer to Hardware Manual for details.
*: If the bus is expanded by automatic wait insertion or RDY input, add time (tCYC × the number of expanded cycles) to the rated
value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com