Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB91F577CHSPMC Datasheet(PDF) 151 Page - Cypress Semiconductor

Part # MB91F577CHSPMC
Description  32-bit RISC, load/store architecture, 5-stage pipeline
PDF  163 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F577CHSPMC Datasheet(HTML) 151 Page - Cypress Semiconductor

Back Button MB91F577CHSPMC Datasheet HTML 147Page - Cypress Semiconductor MB91F577CHSPMC Datasheet HTML 148Page - Cypress Semiconductor MB91F577CHSPMC Datasheet HTML 149Page - Cypress Semiconductor MB91F577CHSPMC Datasheet HTML 150Page - Cypress Semiconductor MB91F577CHSPMC Datasheet HTML 151Page - Cypress Semiconductor MB91F577CHSPMC Datasheet HTML 152Page - Cypress Semiconductor MB91F577CHSPMC Datasheet HTML 153Page - Cypress Semiconductor MB91F577CHSPMC Datasheet HTML 154Page - Cypress Semiconductor MB91F577CHSPMC Datasheet HTML 155Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 163 page
background image
Document Number: 002-04725 Rev.*A
Page 151 of 163
MB91570 Series
13.5 A/D Converter
13.5.1
Electrical Characteristics
(TA: Recommended operating conditions, VCC5 = 5.0V±10%, AVCC = 5.0V±10%, VSS = AVSS = 0.0V)
Parameter
Symbol
Pin name
Value
Unit
Remarks
Min
Typ
Max
Resolution
–
–
–
–
10
bit
Total error
–
–
–
–
±3.0
LSB
Non linearity error
–
–
–
–
±2.5
LSB
Differential linearity error
–
–
–
–
±1.9
LSB
Zero transition voltage
VOT
AN0 to AN39
AVSS
-1.5LSB
–
AVSS
+2.5LSB
V
1LSB=
(AVCC-AVSS)
/1024
Full-scale transition voltage
VFST
AN0 to AN39
AVCC
-3.5LSB
–
AVCC
+0.5LSB
V
Sampling time
tSMP
–
1.2
–
–
µs
*1
Compare time
tCMP
–
1.8
–
–
µs
*1
A/D conversion time
tCNV
–
3.0
–
–
µs
*1
Analog port input current
IAIN
AN0 to AN39
-5
–
+5
µA
VAVSS ≤ VAIN ≤ VAVCC
Analog input voltage
VAIN
AN0 to AN39
AVSS
–
AVRH
V
Reference voltage
AVRH
AVRH
4.5
–
5.5
V
AVCC ≥ AVRH
AVRL
AVSS
–
0.0
–
V
Power supply current
IA
AVCC
–
–
4.0
mA
IAH
–
–
6.0
µA
*2
IR
AVRH
–
600
900
µA
IRH
–
–
5
µA
*2
Variation between channels
–
AN0 to AN39
–
–
4
LSB
*1: Time for each channel.
*2: Power supply current (VCC = AVCC = 5.0 V) is specified if A/D converter is not operating and CPU is stopped.
Note: Be sure to use the clock with a frequency between 8MHz and 17MHz for the ADC compare clock in order to ensure its
accuracy.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com