Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SG6105 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SG6105
Description  Power Supply Supervisor Regulator PWM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SG6105 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SG6105 Datasheet HTML 1Page - List of Unclassifed Manufacturers SG6105 Datasheet HTML 2Page - List of Unclassifed Manufacturers SG6105 Datasheet HTML 3Page - List of Unclassifed Manufacturers SG6105 Datasheet HTML 4Page - List of Unclassifed Manufacturers SG6105 Datasheet HTML 5Page - List of Unclassifed Manufacturers SG6105 Datasheet HTML 6Page - List of Unclassifed Manufacturers SG6105 Datasheet HTML 7Page - List of Unclassifed Manufacturers SG6105 Datasheet HTML 8Page - List of Unclassifed Manufacturers SG6105 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Product Specification
Power Supply Supervisor + Regulator + PWM
SG6105
©System General Corp.
- 1 -
www.sg.com.tw
Version 2.3(IRO33.0011.B0)
June 19, 2003
FEATURES
PC half-bridge (or 494) power supply supervisor +
two 431 + PWM
High integration & few external components
Over-voltage protection for 3.3V, 5V and 12V
Under-voltage protection for 3.3V, 5V and 12V
Under-voltage protection for –12V and/or –5V
Over-power and short-circuit protection
Power-down warning circuitry
Power good circuitry
Delay time for PSON and PG signal
Remote ON/OFF function
On-chip oscillator and error amplifier
Two shunt regulator for 3.3V and 5V-Standby
Latching PWM for cycle-by-cycle switching
Push-pull PWM operation and totem pole outputs
Soft-start and maximum 93% duty cycle
APPLICATIONS
Switching mode power supply for Computers, such
as:
ATX
NLX
SFX (micro-ATX)
DESCRIPTION
SG6105 controller is designed for switching mode
power supply for desktop PCs. It provides all the
functions necessary to monitor and control the output of
the power supply. Remote ON/OFF control, power good
circuitry, some protection features against over-voltage
and over-power are implemented. It directly senses all the
output rails for OVP without the need of external dividers.
An innovated AC-signal sampling circuitry provides a
sufficient power-down warning signal for PG. A built-in
timer generates accuracy timing for control circuit
including the PS-off delay. The cycle-by-cycle PWM
switching prevents the power transformer from the
saturation and ensures the fastest response for the
short-circuit protection which greatly reduce the stress for
power transistors. Two internal precision TL431 shunt
regulators provide stable reference voltage and driver for
3.3V and 5V-standby regulation. Utilizing minimum
number of external components, the SG6105 includes all
of the functions for push-pull and/or half-bridge topology,
decreasing the production cost and PCB space, and
increasing the MTBF for power supply.
MARKING DIAGRAMS
PIN CONFIGURATION
T: D = DIP
XXXXXXX: Wafer Lot
YY: Year; WW: Week
V: Assembly Location
20
1
SG6105T
XXXXXXXYYWWV
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
PSON
V33
V5
OPP
UVAC
NVP
V12
OP2
OP1
PG
FB2
VREF2
VREF1
FB1
GND
COMP
IN
SS
RI
VCC


Similar Part No. - SG6105

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SG6105A FAIRCHILD-SG6105A Datasheet
592Kb / 18P
   Power Supply Supervisor Regulator PWM
SG6105A FAIRCHILD-SG6105A Datasheet
909Kb / 17P
   Power Supply Supervisor Regulator PWM
SG6105ADY FAIRCHILD-SG6105ADY Datasheet
909Kb / 17P
   Power Supply Supervisor Regulator PWM
SG6105ADZ FAIRCHILD-SG6105ADZ Datasheet
592Kb / 18P
   Power Supply Supervisor Regulator PWM
SG6105ADZ FAIRCHILD-SG6105ADZ Datasheet
909Kb / 17P
   Power Supply Supervisor Regulator PWM
More results

Similar Description - SG6105

ManufacturerPart #DatasheetDescription
logo
Suntac Electronic Corp.
STC6105 SUNTAC-STC6105 Datasheet
473Kb / 10P
   Power Supply Supervisor Regulator PWM
logo
Fairchild Semiconductor
SG6105A FAIRCHILD-SG6105A_09 Datasheet
909Kb / 17P
   Power Supply Supervisor Regulator PWM
SG6105A FAIRCHILD-SG6105A Datasheet
592Kb / 18P
   Power Supply Supervisor Regulator PWM
SG6108 FAIRCHILD-SG6108 Datasheet
650Kb / 16P
   Power Supply Supervisor PWM
logo
Weltrend Semiconductor
WT7522 WELTREND-WT7522 Datasheet
140Kb / 9P
   POWER SUPPLY PWM SUPERVISOR
Version 1.10 April 29, 2009
logo
Unisonic Technologies
3520 UTC-3520 Datasheet
206Kb / 7P
   PC POWER SUPPLY PWM SUPERVISOR
UB6054A UTC-UB6054A Datasheet
200Kb / 7P
   PC POWER SUPPLY PWM SUPERVISOR
logo
Fairchild Semiconductor
FAN6103 FAIRCHILD-FAN6103 Datasheet
656Kb / 13P
   Power Supply Supervisor Plus PWM
logo
List of Unclassifed Man...
LW4933 ETC-LW4933 Datasheet
243Kb / 6P
   POWER SUPPLY SUPERVISOR WITH PWM CONTROLLER
Rev.A1.0
logo
Shenzhen Dongfangteng T...
EST7502B EST-EST7502B Datasheet
159Kb / 7P
   PC Power Supply PWM with Supervisor
2007-10-15 V2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com