Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC1161LP5E Datasheet(PDF) 7 Page - Analog Devices

Part # HMC1161LP5E
Description  Dual output frequency range
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC1161LP5E Datasheet(HTML) 7 Page - Analog Devices

Back Button HMC1161LP5E Datasheet HTML 3Page - Analog Devices HMC1161LP5E Datasheet HTML 4Page - Analog Devices HMC1161LP5E Datasheet HTML 5Page - Analog Devices HMC1161LP5E Datasheet HTML 6Page - Analog Devices HMC1161LP5E Datasheet HTML 7Page - Analog Devices HMC1161LP5E Datasheet HTML 8Page - Analog Devices HMC1161LP5E Datasheet HTML 9Page - Analog Devices HMC1161LP5E Datasheet HTML 10Page - Analog Devices HMC1161LP5E Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
HMC1161
Data Sheet
Rev. B | Page 6 of 11
INTERFACE SCHEMATICS
RFOUT/2
Figure 3. RFOUT/2 Interface
RFOUT
Figure 4. RFOUT Interface
15pF
VCC
Figure 5. VCC Interface
43pF
4pF
VTUNE
3nH
Figure 6. VTUNE Interface
GND
Figure 7. GND Interface


Similar Part No. - HMC1161LP5E

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC1160 AD-HMC1160 Datasheet
236Kb / 10P
MMIC VCO with Half Frequency Output, 8.45 GHz to 9.30 GHz
REV. A
HMC1162 AD-HMC1162 Datasheet
245Kb / 11P
9.25 GHz to 10.10 GHz MMIC VCO with Half Frequency Output
REV. A
HMC1163 AD-HMC1163 Datasheet
256Kb / 12P
9.65 GHz to 10.41 GHz MMIC VCO with Half Frequency Output
HMC1163LP5E AD-HMC1163LP5E Datasheet
256Kb / 12P
9.65 GHz to 10.41 GHz MMIC VCO with Half Frequency Output
HMC1163LP5ETR AD-HMC1163LP5ETR Datasheet
256Kb / 12P
9.65 GHz to 10.41 GHz MMIC VCO with Half Frequency Output
More results

Similar Description - HMC1161LP5E

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
TCXO-170 KSS-TCXO-170 Datasheet
137Kb / 1P
Output 50廓 Wide frequency range
logo
Integrated Device Techn...
8705I IDT-8705I Datasheet
276Kb / 18P
Output frequency range
86004 IDT-86004 Datasheet
219Kb / 13P
Output frequency range
87002-02 IDT-87002-02 Datasheet
312Kb / 16P
Output frequency range
ICS8745BI-21 IDT-ICS8745BI-21 Datasheet
898Kb / 21P
Output frequency range
ICS87004I IDT-ICS87004I Datasheet
765Kb / 15P
Output frequency range
ICS8714004I IDT-ICS8714004I Datasheet
443Kb / 31P
Output frequency range
ICS8714008I IDT-ICS8714008I Datasheet
461Kb / 34P
Output frequency range
844S42I IDT-844S42I Datasheet
428Kb / 28P
Dual Output RF Frequency Synthesizer
logo
Analog Devices
HMC1165 AD-HMC1165 Datasheet
375Kb / 12P
Dual output frequency range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com