Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC1161LP5E Datasheet(PDF) 8 Page - Analog Devices

Part # HMC1161LP5E
Description  Dual output frequency range
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC1161LP5E Datasheet(HTML) 8 Page - Analog Devices

Back Button HMC1161LP5E Datasheet HTML 4Page - Analog Devices HMC1161LP5E Datasheet HTML 5Page - Analog Devices HMC1161LP5E Datasheet HTML 6Page - Analog Devices HMC1161LP5E Datasheet HTML 7Page - Analog Devices HMC1161LP5E Datasheet HTML 8Page - Analog Devices HMC1161LP5E Datasheet HTML 9Page - Analog Devices HMC1161LP5E Datasheet HTML 10Page - Analog Devices HMC1161LP5E Datasheet HTML 11Page - Analog Devices HMC1161LP5E Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Data Sheet
HMC1161
Rev. B | Page 7 of 11
TYPICAL PERFORMANCE CHARACTERISTICS
10.0
7.0
7.5
8.0
8.5
9.0
9.5
0
1
2
3
4
5
6
7
8
9
10
11
12
13
TUNING VOLTAGE (V dc)
+85°C
+25°C
–40°C
Figure 8. Output Frequency vs. Tuning Voltage
16
0
2
4
6
10
14
8
12
0
1
2
3
4
5
6
7
8
9
10
11
12
13
TUNING VOLTAGE (V dc)
+85°C
+25°C
–40°C
Figure 9. Output Power vs. Tuning Voltage
600
0
100
200
300
400
500
0
1
2
3
4
5
6
7
8
9
10
11
12
13
TUNING VOLTAGE (V dc)
+85°C
+25°C
–40°C
Figure 10. Sensitivity vs. Tuning Voltage
300
200
220
240
210
230
250
270
290
260
280
0
1
2
3
4
5
6
7
8
9
10
11
12
13
TUNING VOLTAGE (V dc)
+85°C
+25°C
–40°C
Figure 11. Supply Current (ICC) vs. Tuning Voltage
5.00
3.50
3.75
4.00
4.25
4.50
4.75
0
1
2
3
4
5
6
7
8
9
10
11
12
13
TUNING VOLTAGE (V dc)
+85°C
+25°C
–40°C
Figure 12. RFOUT/2 Output Frequency vs. Tuning Voltage
10
0
2
4
1
3
5
7
9
6
8
0
1
2
3
4
5
6
7
8
9
10
11
12
13
TUNING VOLTAGE (V dc)
+85°C
+25°C
–40°C
Figure 13. RFOUT/2 Output Power vs. Tuning Voltage


Similar Part No. - HMC1161LP5E

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC1160 AD-HMC1160 Datasheet
236Kb / 10P
   MMIC VCO with Half Frequency Output, 8.45 GHz to 9.30 GHz
REV. A
HMC1162 AD-HMC1162 Datasheet
245Kb / 11P
   9.25 GHz to 10.10 GHz MMIC VCO with Half Frequency Output
REV. A
HMC1163 AD-HMC1163 Datasheet
256Kb / 12P
   9.65 GHz to 10.41 GHz MMIC VCO with Half Frequency Output
HMC1163LP5E AD-HMC1163LP5E Datasheet
256Kb / 12P
   9.65 GHz to 10.41 GHz MMIC VCO with Half Frequency Output
HMC1163LP5ETR AD-HMC1163LP5ETR Datasheet
256Kb / 12P
   9.65 GHz to 10.41 GHz MMIC VCO with Half Frequency Output
More results

Similar Description - HMC1161LP5E

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC1165 AD-HMC1165 Datasheet
375Kb / 12P
   Dual output frequency range
logo
Integrated Device Techn...
ICS8745BI-21 IDT-ICS8745BI-21 Datasheet
898Kb / 21P
   Output frequency range
ICS87004I IDT-ICS87004I Datasheet
765Kb / 15P
   Output frequency range
ICS8714008I IDT-ICS8714008I Datasheet
461Kb / 34P
   Output frequency range
8705I IDT-8705I Datasheet
276Kb / 18P
   Output frequency range
86004 IDT-86004 Datasheet
219Kb / 13P
   Output frequency range
87002-02 IDT-87002-02 Datasheet
312Kb / 16P
   Output frequency range
ICS8714004I IDT-ICS8714004I Datasheet
443Kb / 31P
   Output frequency range
logo
Kyocera Kinseki Corpota...
TCXO-170 KSS-TCXO-170 Datasheet
137Kb / 1P
   Output 50廓 Wide frequency range
logo
Integrated Device Techn...
844S42I IDT-844S42I Datasheet
428Kb / 28P
   Dual Output RF Frequency Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com