Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSM4-402Z-20T0 Datasheet(PDF) 2 Page - API Technologies Corp

Part # PSM4-402Z-20T0
Description  Surface Mount Low Pass Filters
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

PSM4-402Z-20T0 Datasheet(HTML) 2 Page - API Technologies Corp

  PSM4-402Z-20T0 Datasheet HTML 1Page - API Technologies Corp PSM4-402Z-20T0 Datasheet HTML 2Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
API TECHNOLOGIES
• 8061 Avonia Rd. • Fairview, PA 16415 • Ph: 814-474-1571 • Fax: 814-474-3110 • eis.apitech.com
API TECHNOLOGIES’ SPECTRUM CONTROL GmbH
• Hansastrasse 6 • 91126 Schwabach, Germany • Phone: (49)-9122-795-0 • Fax: (49)-9122-795-58
Surface Mount Low Pass Filters
PSM Series
.630
(16.0)
.069
(1.75)
.295
(7.50)
.157
(4.00)
.079
(2.00)
.059
(1.50)
.320
(8.13)
.150
(3.81)
.013
(0.33)
.315
(8.00)
.133
(3.38)
.059
(1.50)
.040
(1.00)
min.
Solder paste pattern
Recommended pad,
must be able to support
continuous signal current
X = 0.350" minimum for 1 oz. copper
(0.036 mm thickness)
X = 0.200" minimum for 2 oz. copper
(0.071 mm thickness)
For low current (10 Amp or less)
X = 0.130" minimum for 1 oz. copper
(0.036 mm thickness for 10 Amp
and 0.5 oz. copper - 0.018 mm
thickness for 5 Amp or less)
Dimensions in inches
(mm)
X
.285
(7.25)
.050
(1.27)
.100
(2.54)
.125
(3.20)
.070
(1.75)
0.10
(2.54)
.065
(1.65)
120°
Technical Notes
s
Soldering recommendations supplied upon request
s
Reflow temperature limit is 250°C
s
Unit weight is approximately 0.4 grams
s
Tape and reel packaging available for automated assembly
PSM Tape and Reel Packaging
Dimensions in inches
(mm)
Code
680M
101M
131P
471P
821M
102M
152M
252P
402Z
103Z**
PSM Ordering Information
Example:
PSM4-402Z-20T0
PSM
4-
402Z -
20
T0
Style
PSM (Power)
Capacitance
Circuit
Configuration
1-Pi
4-Feed-through
Current
Rating
10-10Amps
(Pi)
20-20Amps
(Feed-through)
* Othercapacitancevalues
available as special order.
** Available in Feed-through circuit only.
Packaging
T-Tapeandreel
packaging
B-Bulkpackaging
Value*
68 pF
100 pF
130 pF
470 pF
820 pF
1000 pF
1500 pF
2500 pF
4000 pF
.01 µF
Tolerance
±20%
±20%
+100/-0%
+100/-0%
±20%
±20%
±20%
+100/-0%
+80/20%
+80/-20%
TapeandReel
0 - 500pieces
2- 2,000pieces
Note:Tapeandreel
packaging-
500pieces(7")
and2,000
pieces(13")
¦
Also available through API’s
authorized distributors.
PSM Recommended Board Pattern
SM15


Similar Part No. - PSM4-402Z-20T0

ManufacturerPart #DatasheetDescription
logo
BOWEI Integrated Circui...
PSM4-4-8 BOWEI-PSM4-4-8 Datasheet
117Kb / 1P
   4 way 0 power Combiner/Divider
More results

Similar Description - PSM4-402Z-20T0

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
MSM APITECH-MSM Datasheet
123Kb / 1P
   Surface Mount Low Pass Filters
SSM-RSM APITECH-SSM-RSM Datasheet
189Kb / 2P
   Surface Mount Low Pass Filters
SSM1F-101Z-10T1 APITECH-SSM1F-101Z-10T1 Datasheet
189Kb / 2P
   Surface Mount Low Pass Filters
SSM1-101Z-05T1 APITECH-SSM1-101Z-05T1 Datasheet
189Kb / 2P
   Surface Mount Low Pass Filters
PSM APITECH-PSM Datasheet
199Kb / 2P
   Surface Mount Low Pass Filters
logo
Mini-Circuits
K3-LFCN MINI-K3-LFCN Datasheet
306Kb / 1P
   LOW PASS FILTERS
K-SCF MINI-K-SCF Datasheet
248Kb / 1P
   LOW PASS FILTERS
logo
Rhombus Industries Inc.
F-3400 RHOMBUS-IND-F-3400 Datasheet
23Kb / 1P
   Low Pass Filters
logo
Mini-Circuits
K4-LFCN MINI-K4-LFCN Datasheet
322Kb / 1P
   LOW PASS FILTERS
K-PLP MINI-K-PLP Datasheet
268Kb / 1P
   LOW PASS FILTERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com