Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSM1-202P-05T1 Datasheet(PDF) 1 Page - API Technologies Corp

Part # SSM1-202P-05T1
Description  Surface Mount Low Pass Filters
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

SSM1-202P-05T1 Datasheet(HTML) 1 Page - API Technologies Corp

  SSM1-202P-05T1 Datasheet HTML 1Page - API Technologies Corp SSM1-202P-05T1 Datasheet HTML 2Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
API TECHNOLOGIES
• 8061 Avonia Rd. • Fairview, PA 16415 • Ph: 814-474-1571 • Fax: 814-474-3110 • eis.apitech.com
API TECHNOLOGIES’ SPECTRUM CONTROL GmbH
• Hansastrasse 6 • 91126 Schwabach, Germany • Phone: (49)-9122-795-0 • Fax: (49)-9122-795-58
PMS 279 neg.
Black neg.
Surface Mount Low Pass Filters
SSM & RSM Series
Pi Insertion Loss
3000
Typical SMT Applications
80
70
60
50
40
30
20
10
0
0.01
0.1
1
10
100
1000
Frequency (MHz)
90
100
* See note
4000 pf
2500 pf
1500 pf
1000 pf
820 pf
470 pf
130 pf
100 pf
68pf
3000
Shielded or Partition Applications
80
70
60
50
40
30
20
10
0
0.01
0.1
1
10
100
1000
Frequency (MHz)
90
100
* See note
4000 pf
2500 pf
1500 pf
1000 pf
820 pf
470 pf
135 pf
100 pf
68pf
Note:InsertionlossshownforthefollowingSSM
values* only:
101Z
501P
202P
*Additional IL charts available by request.
Output
Input
Ground
Pi
Working Voltage . . . . . . . . . 100 VDC
Test Voltage . . . . . . . . . . . . 250 VDC
Current . . . . . . . . . . . . . . . Max. 10 Amps
Insulation
Resistance. . . . . . . . . . . . . . Min. 104 MΩ
Terminations. . . . . . . . . . . . Silver Ni-Tin plated
Soldering
Conditions . . . . . . . . . . . . . Max. 250°C -5 sec.
Marking. . . . . . . . . . . . . . . None
Packaging. . . . . . . . . . . . . . Bulk or tape and reel
SSM
* Capacitance values for insertion loss curves are displayed left to right
in the order shown.
Note:InsertionlossshownforthefollowingRSM
values only:
152P
402Z
Working Voltage . . . . . . . . . 100 VDC
Test Voltage . . . . . . . . . . . . 250 VDC
Current . . . . . . . . . . . . . . . Max. 10 Amps
Insulation
Resistance. . . . . . . . . . . . . . Min. 104 MΩ
Terminations. . . . . . . . . . . . Silver Ni-Tin plated
Soldering
Conditions . . . . . . . . . . . . . Max. 250°C -5 sec.
Marking. . . . . . . . . . . . . . . None
Packaging. . . . . . . . . . . . . . Bulk or tape and reel
RSM
.026 ± .014
(0.65 ± 0.35)
Electrodes
.083 ± .004
(2.1 ± 0.1)
.02
(0.5)
min.
.113
(2.87)
.315
(8.0) max.
.026 ± .014
(0.65 ± 0.35)
.02
(0.5)
min.
.02R max.
(0.5)
(4 plcs)
SSM
0.232
(5.90) ± 0.26
.020
(.500) Min.
.012/.040
(0.3/1.0)
.113
(2.58)
±
.014
(.35)
0.020
(.500) Min.
.012/.040
(0.3/1.0)
.083±.004
(2.1 ± 1.0)
.315
(8.00) Max.
NI/SN OVER AG
PLATED TUBE
Dimensions in inches
(mm)
RSM
Output
Input
Ground
Pi
SM12
Dimensions in inches (mm)


Similar Part No. - SSM1-202P-05T1

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SSM1001MA SANKEN-SSM1001MA Datasheet
465Kb / 12P
High Voltage 3-Phase Motor Driver
SSM1002MA SANKEN-SSM1002MA Datasheet
465Kb / 12P
High Voltage 3-Phase Motor Driver
SSM1003MA SANKEN-SSM1003MA Datasheet
465Kb / 12P
High Voltage 3-Phase Motor Driver
SSM1004MA SANKEN-SSM1004MA Datasheet
470Kb / 12P
High Voltage 3-Phase Motor Driver
logo
Inchange Semiconductor ...
SSM10N70 ISC-SSM10N70 Datasheet
290Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - SSM1-202P-05T1

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
MSM APITECH-MSM Datasheet
123Kb / 1P
Surface Mount Low Pass Filters
SSM-RSM APITECH-SSM-RSM Datasheet
189Kb / 2P
Surface Mount Low Pass Filters
SSM1F-101Z-10T1 APITECH-SSM1F-101Z-10T1 Datasheet
189Kb / 2P
Surface Mount Low Pass Filters
PSM4-402Z-20T0 APITECH-PSM4-402Z-20T0 Datasheet
199Kb / 2P
Surface Mount Low Pass Filters
PSM APITECH-PSM Datasheet
199Kb / 2P
Surface Mount Low Pass Filters
logo
Mini-Circuits
K3-LFCN MINI-K3-LFCN Datasheet
306Kb / 1P
LOW PASS FILTERS
K-SCF MINI-K-SCF Datasheet
248Kb / 1P
LOW PASS FILTERS
logo
Rhombus Industries Inc.
F-3400 RHOMBUS-IND-F-3400 Datasheet
23Kb / 1P
Low Pass Filters
logo
Mini-Circuits
K4-LFCN MINI-K4-LFCN Datasheet
322Kb / 1P
LOW PASS FILTERS
K-PLP MINI-K-PLP Datasheet
268Kb / 1P
LOW PASS FILTERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com