Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSM1-202P-05T1 Datasheet(PDF) 2 Page - API Technologies Corp

Part # SSM1-202P-05T1
Description  Surface Mount Low Pass Filters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

SSM1-202P-05T1 Datasheet(HTML) 2 Page - API Technologies Corp

  SSM1-202P-05T1 Datasheet HTML 1Page - API Technologies Corp SSM1-202P-05T1 Datasheet HTML 2Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
API TECHNOLOGIES
• 8061 Avonia Rd. • Fairview, PA 16415 • Ph: 814-474-1571 • Fax: 814-474-3110 • eis.apitech.com
API TECHNOLOGIES’ SPECTRUM CONTROL GmbH
• Hansastrasse 6 • 91126 Schwabach, Germany • Phone: (49)-9122-795-0 • Fax: (49)-9122-795-58
SM13
Surface Mount Low Pass Filters
SSM & RSM Series
.630
(16.0)
.069
(1.75)
.295
(7.50)
.157
(4.00)
.079
(2.00)
.059
(1.50)
.315
(8.00)
.098
(2.50)
.013
(0.33)
.157
(4.00)
.059
(1.50)
SSM
1-
101Z - 05
T1
Style
SSM (Square)
RSM (Round)
Capacitance
Circuit
Configuration
1-Pi
Current
Rating
05-5Amps
10-10Amps
Packaging
T-Tapeandreel
packaging
B-Bulkpackaging
Code
101Z
501P
152P
202P
402E
402Z
Value
100 pF
500 pF
1500 pF
2000 pF
4000 pF
4000 pF
Tolerance
+80/-20%
+100/-0%
+100/-0%
+100/-0%
±25
+80/-20%
SSM & RSM Ordering Information
Example:
SSM1-101Z-05T
TapeandReel
1-1,000pieces
6-6,000pieces
Note:Tapeandreel
packaging-
1,000pieces
(7")and6,000
pieces(13")
¦
Also available through API’s authorized
distributors.
Also available through API’s authorized
European distributors/agents.
¦
SSM1-152P-05-T1
SSM/RSM Tape and Reel Packaging
.102
(2.6)
.093
(2.36)
Min.
.043
(1.1)
.043
(1.1)
SSM Recommended Board Pattern
Dimensions in inches
(mm)


Similar Part No. - SSM1-202P-05T1

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SSM1001MA SANKEN-SSM1001MA Datasheet
465Kb / 12P
High Voltage 3-Phase Motor Driver
SSM1002MA SANKEN-SSM1002MA Datasheet
465Kb / 12P
High Voltage 3-Phase Motor Driver
SSM1003MA SANKEN-SSM1003MA Datasheet
465Kb / 12P
High Voltage 3-Phase Motor Driver
SSM1004MA SANKEN-SSM1004MA Datasheet
470Kb / 12P
High Voltage 3-Phase Motor Driver
logo
Inchange Semiconductor ...
SSM10N70 ISC-SSM10N70 Datasheet
290Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - SSM1-202P-05T1

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
F-3400 RHOMBUS-IND-F-3400 Datasheet
23Kb / 1P
Low Pass Filters
logo
API Technologies Corp
MSM APITECH-MSM Datasheet
123Kb / 1P
Surface Mount Low Pass Filters
PSM APITECH-PSM Datasheet
199Kb / 2P
Surface Mount Low Pass Filters
SSM-RSM APITECH-SSM-RSM Datasheet
189Kb / 2P
Surface Mount Low Pass Filters
PSM4-402Z-20T0 APITECH-PSM4-402Z-20T0 Datasheet
199Kb / 2P
Surface Mount Low Pass Filters
SSM1F-101Z-10T1 APITECH-SSM1F-101Z-10T1 Datasheet
189Kb / 2P
Surface Mount Low Pass Filters
logo
Mini-Circuits
K3-LFCN MINI-K3-LFCN Datasheet
306Kb / 1P
LOW PASS FILTERS
K4-LFCN MINI-K4-LFCN Datasheet
322Kb / 1P
LOW PASS FILTERS
K-PLP MINI-K-PLP Datasheet
268Kb / 1P
LOW PASS FILTERS
K-SCF MINI-K-SCF Datasheet
248Kb / 1P
LOW PASS FILTERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com