Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A20737C Datasheet(PDF) 1 Page - Anaren Microwave

Part # A20737C
Description  Low Current Consumption
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANAREN [Anaren Microwave]
Direct Link  http://www.anaren.com
Logo ANAREN - Anaren Microwave

A20737C Datasheet(HTML) 1 Page - Anaren Microwave

  A20737C Datasheet HTML 1Page - Anaren Microwave A20737C Datasheet HTML 2Page - Anaren Microwave  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Anaren Integrated Radio (AIR)
Low-power RF modules, firmware & development tools that make it easy to ’go wireless’
Features
Anaren, Inc. | 6635 Kirkville Road | East Syracuse, NY 13057
800.411.6596 | www.anaren.com/air | AIR@anaren.com
This member of the AIR family of wireless solutions is supported by Anaren’s Atmosphere
online development tool and features semiconductor technology from Broadcom.
A20737C
A20737 Module Series
The A20737C is a low cost surface-mount radio module featuring Bluetooth® Smart
technology that incorporates the Broadcom ultra-low-power BCM20737 SoC, 24MHz
crystal, a U.FL connector for an external antenna and an EEPROM, all in one package
measuring: 11x13x2.5mm. The module is Globally certified*, and is Bluetooth SIG
qualified.
* Global certification is an ongoing process, please call for confirmation regarding your specific locations
General:
2.4-GHz RF transceiver incorporating
Bluetooth Smart technology
1.7 to 3.6V operation
Operating temperature –40˚C to +85˚C**
Integrated ARM Cortex-M3 microprocessor core
512-Kbit EEPROM
Programmable output power up to +3dBm
Low Current Consumption (3.3V)
 25mA in Rx
 17mA in Tx @ -1dBm
 20mA in Tx @ +3dBm
Typical sleep current 2µA @ 3.3V
Excellent receiver sensitivity, -94dBm average with
<1% BER
Infrared modulator
10-Bit auxiliary ADC with nine analog channels
Support for secure OTA updates
Integrated LDO
Supports SPI, I2C, PWM, UART and GPIO peripheral
interfaces
RoHS Compliant
Shielded package
U.FL Connector
LGA Footprint
Small package size: 11mm x 13mm x 2.5mm
Approximate weight 0.5 grams
** The operating temperature spec for Broadcom chipset
is –30˚C to +85˚C but module passed BLE standards
when limited testing was done from –40˚C to 85˚C.
Module Development Kit:
Available as a Multi-Sensor Development Kit
including access to Anaren’s innovative and
exclusive online development tool, Atmosphere
The Atmosphere tool enables the creation of all the
embedded code and target mobile device
applications needed to wirelessly connect and
communicate to an embedded Anaren Bluetooth
Smart module
PLEASE NOTE:
Additional information on Anaren’s exclusive development
tool, Atmosphere can be found at
https://atmosphere.anaren.com
Additional information on the Broadcom WICED Smart can
be found in the company’s website at
http://www.broadcom.com/products/wiced
Industrial controls and monitoring, remote controls,
home/building automation, lighting systems, low power
wireless sensor networks, and consumer electronics,
sports monitoring, health & wellness
Minimal RF engineering experience necessary
Minimal Bluetooth Smart experience necessary
Easy to implement, short design cycle when
utilizing Anaren’s Atmosphere development tool
No additional “Intentional Radiator” certification
required (FCC 15.247, IC RSS-210, EN 300 328)
FCC ID: X7J-A14070701
IC: 8975A-A14070701
Minimal real estate required
Only requires a 2 layer Host PCB implementation
No additional harmonic filtering required
100% RF-tested in production
Block diagram
Benefits
Applications


Similar Part No. - A20737C

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
A20737C ANAREN-A20737C Datasheet
165Kb / 1P
   Anaren Integrated Radio
More results

Similar Description - A20737C

ManufacturerPart #DatasheetDescription
logo
Rohm
BD7602GUL ROHM-BD7602GUL Datasheet
1Mb / 25P
   Low current consumption
logo
Seiko Instruments Inc
S-5716ANDL0-M3T1U SII-S-5716ANDL0-M3T1U Datasheet
1Mb / 28P
   LOW CURRENT CONSUMPTION
logo
SHANGHAI BELLING CO., L...
BL1240 BELLING-BL1240 Datasheet
148Kb / 5P
   Low current consumption
logo
IK Semicon Co., Ltd
ILE4276 IKSEMICON-ILE4276 Datasheet
408Kb / 6P
   Low consumption current
logo
RF Micro Devices
RFFC506X RFMD-RFFC506X Datasheet
4Mb / 25P
   Low Current Consumption
logo
Abracon Corporation
ASDSERIES ABRACON-ASDSERIES Datasheet
884Kb / 4P
   Low current consumption
01.19.15
logo
Seiko Instruments Inc
S-35710B01A-K8T2U SII-S-35710B01A-K8T2U Datasheet
2Mb / 33P
   Low current consumption
S-35720C01A-K8T2U SII-S-35720C01A-K8T2U Datasheet
1Mb / 21P
   Low current consumption
logo
NIHON DEMPA KOGYO
NZ2520SHB NDK-NZ2520SHB_18 Datasheet
833Kb / 2P
   Low current consumption Type
NZ2016SHB NDK-NZ2016SHB_18 Datasheet
851Kb / 2P
   Low current consumption Type
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com